Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467DA Datasheet(PDF) 92 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 92 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 88Page - fujitsu semiconductor MB91F467DA Datasheet HTML 89Page - fujitsu semiconductor MB91F467DA Datasheet HTML 90Page - fujitsu semiconductor MB91F467DA Datasheet HTML 91Page - fujitsu semiconductor MB91F467DA Datasheet HTML 92Page - fujitsu semiconductor MB91F467DA Datasheet HTML 93Page - fujitsu semiconductor MB91F467DA Datasheet HTML 94Page - fujitsu semiconductor MB91F467DA Datasheet HTML 95Page - fujitsu semiconductor MB91F467DA Datasheet HTML 96Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 140 page
background image
MB91460D Series
92
DS07-16612-2E
4.
A/D converter characteristics
(VDD5
= AVCC5 = 3.0 V to 5.5 V, VSS5 = AVSS5 = 0 V, TA = −40 °C to + 105 °C)
(Continued)
Note : The accuracy gets worse as AVRH - AVRL becomes smaller
Parameter
Symbol Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
⎯
⎯
10
bit
Total error
⎯⎯
− 3
⎯
+ 3LSB
Nonlinearity error
⎯⎯
− 2.5
⎯
+ 2.5
LSB
Differential nonlinearity
error
⎯⎯
− 1.9
⎯
+ 1.9
LSB
Zero reading voltage
VOT
ANn
AVRL
−
1.5 LSB
AVRL
+
0.5 LSB
AVRL
+
2.5 LSB
V
Full scale reading voltage
VFST
ANn
AVRH
−
3.5 LSB
AVRH
−
1.5 LSB
AVRH
+
0.5 LSB
V
Compare time
Tcomp
⎯
0.6
⎯
16,500
μs
4.5 V
≤ AVCC5 ≤
5.5 V
2.0
⎯⎯
μs
3.0 V
≤ AVCC5 ≤
4.5 V
Sampling time
Tsamp
⎯
0.4
⎯⎯
μs
4.5 V
≤ AVCC5 ≤
5.5 V,
REXT < 2 k
Ω
1.0
⎯⎯
μs
3.0 V
≤ AVCC5 ≤
4.5 V,
REXT < 1 k
Ω
Conversion time
Tconv
⎯
1.0
⎯⎯
μs
4.5 V
≤ AVCC5 ≤
5.5 V
3.0
⎯⎯
μs
3.0 V
≤ AVCC5 ≤
4.5 V
Input capacitance
CIN
ANn
⎯⎯
11
pF
Input resistance
RIN
ANn
⎯⎯
2.6
k
Ω
4.5 V
≤ AVCC5 ≤
5.5 V
⎯⎯
12.1
k
Ω
3.0 V
≤ AVCC5 ≤
4.5 V
Analog input leakage
current
IAIN
ANn
− 1
⎯
+ 1
μATA = + 25 °C
− 3
⎯
+ 3
μATA = + 105 °C
Analog input voltage range
VAIN
ANn
AVRL
⎯
AVRH
V
Offset between input chan-
nels
⎯
ANn
⎯⎯
4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com