Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144-I/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6144-I/MS
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144-I/MS Datasheet(HTML) 4 Page - Microchip Technology

  MCP6144-I/MS Datasheet HTML 1Page - Microchip Technology MCP6144-I/MS Datasheet HTML 2Page - Microchip Technology MCP6144-I/MS Datasheet HTML 3Page - Microchip Technology MCP6144-I/MS Datasheet HTML 4Page - Microchip Technology MCP6144-I/MS Datasheet HTML 5Page - Microchip Technology MCP6144-I/MS Datasheet HTML 6Page - Microchip Technology MCP6144-I/MS Datasheet HTML 7Page - Microchip Technology MCP6144-I/MS Datasheet HTML 8Page - Microchip Technology MCP6144-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MCP6141/2/3/4
DS21668D-page 4
© 2009 Microchip Technology Inc.
AC ELECTRICAL CHARACTERISTICS
MCP6143 CHIP SELECT (CS) ELECTRICAL CHARACTERISTICS
FIGURE 1-1:
Chip Select (CS) Timing
Diagram (MCP6143 only).
Electrical Characteristics: Unless otherwise indicated, VDD = +1.4V to +5.5V, VSS =GND, TA =+25°C, VCM =VDD/2,
VOUT ≈ VDD/2, VL =VDD/2, RL = 1 MΩ to VL, CL = 60 pF and CS is tied low (refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
100
—
kHz
Slew Rate
SR
—
24
—
V/ms
Phase Margin
PM
—
60
—
°
G = +10 V/V
Noise
Input Voltage Noise
Eni
—5.0
—
µVP-P f = 0.1 Hz to 10 Hz
Input Voltage Noise Density
eni
—170
—
nV/
√Hz f = 1 kHz
Input Current Noise Density
ini
—0.6
—
fA/
√Hz f = 1 kHz
Electrical Characteristics: Unless otherwise indicated, VDD = +1.4V to +5.5V, VSS =GND, TA =+25°C, VCM =VDD/2,
VOUT ≈ VDD/2, VL =VDD/2, RL = 1 MΩ to VL, and CL = 60 pF (refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—VSS+0.3
V
CS Input Current, Low
ICSL
—5—
pA
CS = VSS
CS High Specifications
CS Logic Threshold, High
VIH
VDD–0.3
—
VDD
V
CS Input Current, High
ICSH
—5—
pA
CS = VDD
CS Input High, GND Current
ISS
—-20
—
pA
CS = VDD
Amplifier Output Leakage, CS High
IOLEAK
—20—
pA
CS = VDD
Dynamic Specifications
CS Low to Amplifier Output Turn-on Time
tON
—
2
50
ms
G = +1 V/V, CS = 0.3V to
VOUT = 0.9VDD/2
CS High to Amplifier Output High-Z
tOFF
—
10
—
µs
G = +1 V/V, CS = VDD–0.3V to
VOUT = 0.1VDD/2
Hysteresis
VHYST
—0.6
—
V
VDD = 5.0V
VIL
High-Z
tON
VIH
CS
tOFF
VOUT
-20 pA
High-Z
ISS
ICS 5 pA (typical)
5 pA (typical)
-20 pA
-0.6 µA
(typical)
(typical)
(typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com