Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144-I/MS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6144-I/MS
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144-I/MS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6144-I/MS Datasheet HTML 8Page - Microchip Technology MCP6144-I/MS Datasheet HTML 9Page - Microchip Technology MCP6144-I/MS Datasheet HTML 10Page - Microchip Technology MCP6144-I/MS Datasheet HTML 11Page - Microchip Technology MCP6144-I/MS Datasheet HTML 12Page - Microchip Technology MCP6144-I/MS Datasheet HTML 13Page - Microchip Technology MCP6144-I/MS Datasheet HTML 14Page - Microchip Technology MCP6144-I/MS Datasheet HTML 15Page - Microchip Technology MCP6144-I/MS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MCP6141/2/3/4
DS21668D-page 12
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-31:
Large Signal Non-inverting
Pulse Response.
FIGURE 2-32:
Chip Select (CS) to
Amplifier Output Response Time (MCP6143
only).
FIGURE 2-33:
Input Current vs. Input
Voltage (Below VSS).
FIGURE 2-34:
Large Signal Inverting Pulse
Response.
FIGURE 2-35:
Internal Chip Select (CS)
Hysteresis (MCP6143 only).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
00
0111112
22
Time (200 µs/div)
VDD = 5.0V
G = +11 V/V
RL = 50 kΩ
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
01234
56789
10
Time (1 ms/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD = 5.0V
G = +11 V/V
VIN = +3.0V
VOUT
High-Z
On
CS
On
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
00011111222
Time (200 µs/div)
VDD = 5.0V
G = -10 V/V
RL = 50 kΩ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
CS Voltage (V)
VOUT On
VOUT High-Z
VDD = 5.0V
G = +11 V/V
VIN = 3.0V
Hysteresis
CS
High-to-Low
CS
Low-to-High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com