Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144-I/MS Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6144-I/MS
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144-I/MS Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6144-I/MS Datasheet HTML 5Page - Microchip Technology MCP6144-I/MS Datasheet HTML 6Page - Microchip Technology MCP6144-I/MS Datasheet HTML 7Page - Microchip Technology MCP6144-I/MS Datasheet HTML 8Page - Microchip Technology MCP6144-I/MS Datasheet HTML 9Page - Microchip Technology MCP6144-I/MS Datasheet HTML 10Page - Microchip Technology MCP6144-I/MS Datasheet HTML 11Page - Microchip Technology MCP6144-I/MS Datasheet HTML 12Page - Microchip Technology MCP6144-I/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 9
MCP6141/2/3/4
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-13:
Input Bias, Offset Currents
vs. Ambient Temperature.
FIGURE 2-14:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-15:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-16:
Input Bias, Offset Currents
vs. Common Mode Input Voltage.
FIGURE 2-17:
DC Open-Loop Gain vs.
Load Resistance.
FIGURE 2-18:
DC Open-Loop Gain vs.
Output Voltage Headroom.
0.1
1
10
100
1000
10000
45
55
65
75
85
95
105 115 125
Ambient Temperature (°C)
| IOS |
IB
VDD = 5.5V
VCM = VDD
0.1
1
10
100
1k
10k
-40
-20
0
20
40
60
80
100
120
1.E-
02
1.E-
01
1.E+
00
1.E+
01
1.E+
02
1.E+
03
1.E+
04
1.E+
05
Frequency (Hz)
-240
-210
-180
-150
-120
-90
-60
-30
0
0.01
0.1
1
10
100
1k
10k 100k
Gain
Phase
80
90
100
110
120
130
140
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
RL = 50 kΩ
VOUT = 0.1V to VDD – 0.1V
0.1
1
10
100
1000
10000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
TA = +85°C
VDD = 5.5V
IB
| IOS |
TA = +125°C
0.1
1
10
100
1k
10k
60
70
80
90
100
110
120
130
1.E+02
1.E+03
1.E+04
1.E+05
Load Resistance (Ω)
VDD = 1.4V
100
1k
10k
100k
VOUT = 0.1V to VDD – 0.1V
VDD = 5.5V
70
80
90
100
110
120
130
140
0.00
0.05
0.10
0.15
0.20
0.25
Output Voltage Headroom;
VDD – VOH or VOL – VSS (V)
RL = 50 kΩ
VDD = 5.5V
VDD = 1.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com