Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144-I/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6144-I/MS
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144-I/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6144-I/MS Datasheet HTML 7Page - Microchip Technology MCP6144-I/MS Datasheet HTML 8Page - Microchip Technology MCP6144-I/MS Datasheet HTML 9Page - Microchip Technology MCP6144-I/MS Datasheet HTML 10Page - Microchip Technology MCP6144-I/MS Datasheet HTML 11Page - Microchip Technology MCP6144-I/MS Datasheet HTML 12Page - Microchip Technology MCP6144-I/MS Datasheet HTML 13Page - Microchip Technology MCP6144-I/MS Datasheet HTML 14Page - Microchip Technology MCP6144-I/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 11
MCP6141/2/3/4
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-25:
Output Voltage Headroom
vs. Output Current Magnitude.
FIGURE 2-26:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-27:
Small Signal Non-inverting
Pulse Response.
FIGURE 2-28:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-29:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-30:
Small Signal Inverting Pulse
Response.
1
10
100
1000
0.01
0.1
1
10
Output Current Magnitude (mA)
VDD – VOH
VOL – VSS
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
High-to-Low
Low-to-High
VDD = 1.4V
VDD = 5.5V
-80
-60
-40
-20
0
20
40
60
80
0.00.1
0.20.3
0.40.5
0.60.7
0.80.9
1.0
Time (100 µs/div)
G = +11 V/V
RL = 50 kΩ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VOL – VSS
VDD – VOH
VDD = 5.5V
RL = 50 kΩ
0.1
1
10
1.E+02
1.E+03
1.E+04
Frequency (Hz)
100
1k
10k
VDD = 5.5V
VDD = 1.4V
-80
-60
-40
-20
0
20
40
60
80
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Time (100 µs/div)
G = -10 V/V
RL = 50 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com