Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144-E/P Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6144-E/P
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144-E/P Datasheet(HTML) 3 Page - Microchip Technology

  MCP6144-E/P Datasheet HTML 1Page - Microchip Technology MCP6144-E/P Datasheet HTML 2Page - Microchip Technology MCP6144-E/P Datasheet HTML 3Page - Microchip Technology MCP6144-E/P Datasheet HTML 4Page - Microchip Technology MCP6144-E/P Datasheet HTML 5Page - Microchip Technology MCP6144-E/P Datasheet HTML 6Page - Microchip Technology MCP6144-E/P Datasheet HTML 7Page - Microchip Technology MCP6144-E/P Datasheet HTML 8Page - Microchip Technology MCP6144-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 3
MCP6141/2/3/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Analog Input Pins.........................................±2 mA
Analog Inputs (VIN+, VIN–) †† ........ VSS –1.0VtoVDD +1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V
Difference Input Voltage ...................................... |VDD –VSS|
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature ................................... –65°C to +150°C
Maximum Junction Temperature (TJ)......................... .+150°C
ESD Protection On All Pins (HBM; MM)
.............. ≥ 4 kV; 400V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current Limits”.
DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VDD = +1.4V to +5.5V, VSS =GND, TA =+25°C, VCM =VDD/2,
VOUT ≈ VDD/2, VL =VDD/2, RL = 1 MΩ to VL and CS is tied low (refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-3
—
+3
mV
VCM = VSS
Drift with Temperature
ΔVOS/ΔTA
—±1.8
—
µV/°C
VCM = VSS, TA= -40°C to +85°C
ΔVOS/ΔTA
—±10
—
µV/°C
VCM = VSS,
TA = +85°C to +125°C
Power Supply Rejection
PSRR
70
85
—
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current
IB
—1
—
pA
Industrial Temperature
IB
—
20
100
pA
TA = +85°
Extended Temperature
IB
—
1200
5000
pA
TA = +125°
Input Offset Current
IOS
—1
—
pA
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
—
Ω||pF
Common Mode
Common-Mode Input Range
VCMR
VSS−0.3
—
VDD+0.3
V
Common-Mode Rejection Ratio
CMRR
62
80
—
dB
VDD = 5V, VCM = -0.3V to 5.3V
CMRR
60
75
—
dB
VDD = 5V, VCM = 2.5V to 5.3V
CMRR
60
80
—
dB
VDD = 5V, VCM = -0.3V to 2.5V
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
95
115
—
dB
RL = 50 kΩ to VL,
VOUT = 0.1V to VDD−0.1V
Output
Maximum Output Voltage Swing
VOL, VOH VSS +10
—
VDD − 10
mV
RL = 50 kΩ to VL,
0.5V input overdrive
Linear Region Output Voltage Swing
VOVR
VSS + 100
—
VDD − 100
mV
RL = 50 kΩ to VL,
AOL ≥ 95 dB
Output Short Circuit Current
ISC
—2
—
mA
VDD = 1.4V
ISC
—20
—
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.4
—
6.0
V
Note 1
Quiescent Current per Amplifier
IQ
0.3
0.6
1.0
µA
IO = 0
Note 1: All parts with date codes February 2008 and later have been screened to ensure operation at VDD = 6.0V. However, the
other minimum and maximum specifications are measured at 1.8V and 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com