Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144-E/P Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6144-E/P
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144-E/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6144-E/P Datasheet HTML 15Page - Microchip Technology MCP6144-E/P Datasheet HTML 16Page - Microchip Technology MCP6144-E/P Datasheet HTML 17Page - Microchip Technology MCP6144-E/P Datasheet HTML 18Page - Microchip Technology MCP6144-E/P Datasheet HTML 19Page - Microchip Technology MCP6144-E/P Datasheet HTML 20Page - Microchip Technology MCP6144-E/P Datasheet HTML 21Page - Microchip Technology MCP6144-E/P Datasheet HTML 22Page - Microchip Technology MCP6144-E/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 19
MCP6141/2/3/4
4.9
Application Circuits
4.9.1
BATTERY CURRENT SENSING
The MCP6141/2/3/4 op amps’ Common Mode Input
Range, which goes 0.3V beyond both supply rails,
supports their use in high side and low side battery
current sensing applications. The very low quiescent
current (0.6 µA, typical) help prolong battery life, and
the rail-to-rail output supports detection low currents.
Figure 4-10 shows a high side battery current sensor
circuit. The 1 k
Ω resistor is sized to minimize power
losses. The battery current (IDD) through the 1 kΩ
resistor causes its top terminal to be more negative
than the bottom terminal. This keeps the common
mode input voltage of the op amp below VDD, which is
within its allowed range. When no current is flowing, the
output will be at its Maximum Output Voltage Swing
(VOH), which is virtually at VDD.
.
FIGURE 4-10:
High Side Battery Current
Sensor.
4.9.2
INVERTING SUMMING AMPLIFIER
The MCP6141/2/3/4 op amp is well suited for the
inverting summing amplifier shown in Figure 4-11 when
the resistors at the input (R1, R2, and R3) make the
noise gain at least 10 V/V. The output voltage (VOUT) is
a weighted sum of the inputs (V1, V2, and V3), and is
shifted by the VREF input. The necessary calculations
follow in Equation 4-3.
.
FIGURE 4-11:
Summing Amplifier.
EQUATION 4-3:
VDD
IDD
MCP6141
100 k
Ω
1M
Ω
1.4V
VOUT
1k
Ω
to
6.0V
V
OUT
V
DD
1 k
Ω
() 11 V/V
()I
DD
–
=
MCP614X
VOUT
RF
R3
V3
R2
V2
R1
V1
VREF
G
N
1R
F
1
R
1
------
1
R
2
------
1
R
3
------
++
⎝⎠
⎛⎞
10 V/V
≥
+
=
Noise Gain:
Output Signal:
V
OUT
V
1G1
V
2G2
V
3G3
V
REFGN
+++
=
G
1
R
F R1
⁄
–
=
Signal Gains:
G
2
R
F R2
⁄
–
=
G
3
R
F R3
⁄
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com