Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144-E/P Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6144-E/P
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144-E/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6144-E/P Datasheet HTML 13Page - Microchip Technology MCP6144-E/P Datasheet HTML 14Page - Microchip Technology MCP6144-E/P Datasheet HTML 15Page - Microchip Technology MCP6144-E/P Datasheet HTML 16Page - Microchip Technology MCP6144-E/P Datasheet HTML 17Page - Microchip Technology MCP6144-E/P Datasheet HTML 18Page - Microchip Technology MCP6144-E/P Datasheet HTML 19Page - Microchip Technology MCP6144-E/P Datasheet HTML 20Page - Microchip Technology MCP6144-E/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 17
MCP6141/2/3/4
Figure 4-5 shows three example circuits that are
unstable when used with the MCP6141/2/3/4 family.
The unity gain buffer and low gain amplifier
(non-inverting or inverting) are at gains that are too low
for stability (see Equation 4-2).The Miller integrator’s
capacitor makes it reach unity gain at high frequencies,
causing instability.
FIGURE 4-5:
Examples of Unstable
Circuits for the MCP6141/2/3/4 Family.
4.4.2
CAPACITIVE LOADS
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. A unity gain buffer (G = +1) is the most
sensitive to capacitive loads, though all gains show the
same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 60 pF when G = +10), a small series
resistor at the output (RISO in Figure 4-6) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will be generally lower than the bandwidth
with no capacitive load.
FIGURE 4-6:
Output Resistor, RISO
stabilizes large capacitive loads.
Figure 4-7 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1 + |Signal Gain| (e.g., -9 V/V gives GN = +10 V/V).
FIGURE 4-7:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double check the
resulting frequency response peaking and step
response overshoot. Modify RISO’s value until the
response is reasonable. Bench evaluation and
simulations with the MCP6141/2/3/4 SPICE macro
model are helpful.
4.5
MCP6143 Chip Select
The MCP6143 is a single op amp with Chip Select
(CS). When CS is pulled high, the supply current drops
to 50 nA (typical) and flows through the CS pin to VSS.
When this happens, the amplifier output is put into a
high impedance state. By pulling CS low, the amplifier
is enabled. If the CS pin is left floating, the amplifier will
not operate properly. Figure 1-1 shows the output
voltage and supply current response to a CS pulse.
Note:
The three circuits shown in Figure 4-5 are
not
to be used with the MCP6141/2/3/4 op
amps. They are included for illustrative
purposes only.
Low Gain Amplifier
MCP614X
VOUT
RG
V1
RF
RN
1
R
F
R
G
-------
10
<
+
V2
MCP614X
VOUT
VIN
MCP614X
VOUT
C
R
VIN
Unity Gain Buffer
Miller Integrator
VB
MCP614X
RISO
VOUT
CL
RF
RG
VA
1,000
10,000
100,000
1.E+00
1.E+01
1.E+02
1.E+03
Normalized Load Capacitance; CL/GN (F)
1p
1k
100k
10p
GN = +10
GN = +20
GN ≥ +50
10k
1n
100p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com