Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6144-E/P
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6144-E/P Datasheet HTML 9Page - Microchip Technology MCP6144-E/P Datasheet HTML 10Page - Microchip Technology MCP6144-E/P Datasheet HTML 11Page - Microchip Technology MCP6144-E/P Datasheet HTML 12Page - Microchip Technology MCP6144-E/P Datasheet HTML 13Page - Microchip Technology MCP6144-E/P Datasheet HTML 14Page - Microchip Technology MCP6144-E/P Datasheet HTML 15Page - Microchip Technology MCP6144-E/P Datasheet HTML 16Page - Microchip Technology MCP6144-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 13
MCP6141/2/3/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The
non-inverting
and
inverting
inputs
are
high-impedance CMOS inputs with low bias currents.
3.3
CS Digital Input
This is a CMOS, Schmitt-triggered input that places the
part into a low power mode of operation.
3.4
Power Supply Pins
The positive power supply pin (VDD) is 1.4V to 6.0V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP6141
MCP6142
MCP6143
MCP6144
Symbol
Description
MSOP,
PDIP,
SOIC
SOT-23-5
MSOP,
PDIP,
SOIC
MSOP,
PDIP,
SOIC
SOT-23-6
MSOP,
PDIP,
SOIC
61
1
6
1
1
VOUT,VOUTA Analog Output (op amp A)
24
2
2
4
2
VIN–, VINA–
Inverting Input (op amp A)
33
3
3
3
3
VIN+, VINA+
Non-inverting Input (op amp A)
75
8
7
6
4
VDD
Positive Power Supply
——
5
—
—
5
VINB+
Non-inverting Input (op amp B)
——
6
—
—
6
VINB–
Inverting Input (op amp B)
——
7
—
—
7
VOUTB
Analog Output (op amp B)
——
—
—
—
8
VOUTC
Analog Output (op amp C)
——
—
—
—
9
VINC–
Inverting Input (op amp C)
——
—
—
—
10
VINC+
Non-inverting Input (op amp C)
42
4
4
2
11
VSS
Negative Power Supply
——
—
—
—
12
VIND+
Non-inverting Input (op amp D)
——
—
—
—
13
VIND–
Inverting Input (op amp D)
——
—
—
—
14
VOUTD
Analog Output (op amp D)
——
—
8
5
—
CS
Chip Select
1, 5, 8
—
—
1, 5
—
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com