Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIV0104THJ Datasheet(PDF) 1 Page - Vicor Corporation

Part # VIV0104THJ
Description  DC to DC Voltage Transformation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIV0104THJ Datasheet(HTML) 1 Page - Vicor Corporation

  VIV0104THJ Datasheet HTML 1Page - Vicor Corporation VIV0104THJ Datasheet HTML 2Page - Vicor Corporation VIV0104THJ Datasheet HTML 3Page - Vicor Corporation VIV0104THJ Datasheet HTML 4Page - Vicor Corporation VIV0104THJ Datasheet HTML 5Page - Vicor Corporation VIV0104THJ Datasheet HTML 6Page - Vicor Corporation VIV0104THJ Datasheet HTML 7Page - Vicor Corporation VIV0104THJ Datasheet HTML 8Page - Vicor Corporation VIV0104THJ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 1.3
9/2009
Page 1 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
VIV0104THJ
FEATURES
• 40 Vdc – 3.3 Vdc 25 A Voltage Transformation Module
- Operating from standard 48 V or 24 V PRMs
• High efficiency (>93%) reduces system power
consumption
• High density (167 A/in3)
• “Half Chip” V•I Chip package enables surface mount,
low impedance interconnect to system board
• Contains built-in Protection features:
- Overvoltage lockout
- Overcurrent
- Short circuit
- Over temperature protection
• Provides enable/disable control, internal temperature
monitoring, current monitoring
• ZVS/ZCS resonant Sine Amplitude Converter topology
• Less than 50ºC temperature rise at full load
in typical applications
TYPICAL APPLICATION
• High End Computing Systems
• Automated Test Equipment
• Telecom Base Stations
• High Density Power Supplies
• Communication Systems
DESCRIPTION
The V•I Chip Voltage Transformation Module is a high efficiency
(>93%) Sine Amplitude Converter (SAC)TM operating from a 26
to 48 Vdc primary bus to deliver an isolated 3.3 V secondary.
The Sine Amplitude Converter offers a low AC impedance
beyond the bandwidth of most downstream regulators, which
means that capacitance normally at the load can be located at
the input to the Sine Amplitude Converter. Since the K factor of
the VIV0104THJ is 1/12, that capacitance value can be reduced
by a factor of 144x, resulting in savings of board area, materials
and total system cost.
The VIV0104THJ is provided in a V•I Chip package compatible
with standard pick-and-place and surface mount assembly
processes. The V•I Chip package provides flexible thermal
management through its low junction-to-case and junction-to-
board thermal resistance. With high conversion efficiency the
VIV0104THJ increases overall system efficiency and lowers
operating costs compared to conventional approaches.
The VIV0104THJ enables the utilization of Factorized Power
Architecture – providing efficiency and size benefits by lowering
conversion and distribution losses and promoting high density
point of load conversion.
VIN
L
O
A
D
PR
PC
VC
TM
IL
OS
SG
PRM
CD
-Out
+Out
-In
+In
VC
PC
TM
IM
VTM
-Out
+Out
-In
+In
+Out
TYPICAL APPLICATION
VTMTM
DC to DC
Voltage Transformation
V
IN = 26 – 55 V
V
OUT = 2.17 – 4.58 V (NO LOAD)
I
OUT = 25 A(NOM)
K = 1/12
S
NRTL
C
US


Similar Part No. - VIV0104THJ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIV0104THJ VICOR-VIV0104THJ Datasheet
570Kb / 2P
PRM Regulator and VTM Current Multiplier
More results

Similar Description - VIV0104THJ

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Calogic, LLC
CLM7660 CALOGIC-CLM7660 Datasheet
110Kb / 8P
DC-to-DC Voltage Converter
logo
Vicor Corporation
VIV0005TFJ VICOR-VIV0005TFJ Datasheet
1Mb / 18P
DC to DC Voltage Transformer
VIV0007TFJ VICOR-VIV0007TFJ Datasheet
1Mb / 18P
DC to DC Voltage Transformer
VIV0101THJ VICOR-VIV0101THJ Datasheet
1Mb / 16P
DC to DC Voltage Transformation
VIV0102THJ VICOR-VIV0102THJ Datasheet
1Mb / 16P
DC to DC Voltage Transformation
VIV0103THJ VICOR-VIV0103THJ Datasheet
1Mb / 16P
DC to DC Voltage Transformation
VIV0105THJ VICOR-VIV0105THJ Datasheet
1Mb / 16P
DC to DC Voltage Transformation
logo
Powerbox
V048F120T025 POWERBOX-V048F120T025 Datasheet
1Mb / 1P
300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
logo
Powerex Power Semicondu...
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
High Voltage Input DC-to-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com