Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIV0104THJ Datasheet(PDF) 3 Page - Vicor Corporation

Part # VIV0104THJ
Description  DC to DC Voltage Transformation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIV0104THJ Datasheet(HTML) 3 Page - Vicor Corporation

  VIV0104THJ Datasheet HTML 1Page - Vicor Corporation VIV0104THJ Datasheet HTML 2Page - Vicor Corporation VIV0104THJ Datasheet HTML 3Page - Vicor Corporation VIV0104THJ Datasheet HTML 4Page - Vicor Corporation VIV0104THJ Datasheet HTML 5Page - Vicor Corporation VIV0104THJ Datasheet HTML 6Page - Vicor Corporation VIV0104THJ Datasheet HTML 7Page - Vicor Corporation VIV0104THJ Datasheet HTML 8Page - Vicor Corporation VIV0104THJ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VIV0104THJ
Rev. 1.3
9/2009
Page 3 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
Voltage range
VIN
No external VC applied
26
55
Vdc
dV/dt
dVIN/dt
1
V/µs
No load power dissipation
PNL
VIN = 42 V
1.2
2.4
4.0
W
VIN = 26 V to 55 V
5.0
W
Inrush Current Peak
IINR-P
VC enable, VIN = 42 V COUT = 4,000 µF,
7.3
12
A
IOUT = 25 A
DC Input Current
IIN-DC
3
A
K Factor
(VOUT)
K
1/12
V/V
VIN
Output Current(average)
IOUT-AVG
25
A
Output Current(Peak)
IOUT-PK
TPEAK <10 ms, IOUT_AVG ≤ 25 A
45
A
Output Power (average)
POUT-AVG
IOUT_AVG
≤ 25 A
115
W
Output Voltage
VOUT
Section 3.0
1.9
4.7
V
Efficiency (Ambient)
η
AMB
VIN = 42 V, TJ = 25ºC, IOUT = 25 A
90.5
92.3
%
VIN = 26 V to 55 V, TJ = 25ºC IOUT = 25 A
88
Efficiency (Hot)
η
HOT
VIN = 42 V, TJ = 100°C, IOUT = 25 A
90
91.8
%
Efficiency (Over load range)
η20%
5 A < IOUT < 25 A
81
%
Output Resistance (Ambient)
ROUT-AMB
TJ = 25°C
5.4
7
8.7
m
Ω
Output Resistance (Hot)
ROUT-HOT
TJ = 125°C
6
8.1
10
m
Ω
Output Resistance (Cold)
ROUT-COLD
TJ = -40°C
4.5
6
7.5
m
Ω
Load Capacitance
COUT
VTM Standalone Operation.
4,000
µF
VIN pre-applied, VC enable
Switching Frequency
FSW
1.5
1.65
1.8
MHz
Ripple Frequency
FSW-RP
3
3.3
3.6
MHz
Output Voltage Ripple
VOUT-PP
COUT = 0 µf, IOUT = 25 A VIN = 42 V,
220
400
mV
20 MHz BW, Section 8.0
PC
PC Voltage (Operating)
VPC
4.7
5
5.3
V
PC Voltage (Enable)
VPC-EN
2
2.5
3
V
PC Voltage (Disable)
VPC-DIS
2
V
PC Source Current (Startup)
IPC-EN
50
100
300
µA
PC Source Current (Operating)
IPC-OP
2
mA
PC Resistance (Internal)
RPC-INT
Internal pull down resistor
50
150
400
k
Ω
PC Resistance (External)
RPC-EXT
Connected to –IN. Unit will not start
60
k
Ω
if below minimum value
PC Capacitance (Internal)
CPC-INT
Section 5.0
560
pF
PC Disable Time
TPC-DIS
4µs
PC Fault Response Time
TFR-PC
From fault to PC = 2.0 V
100
µs
TM
TM Voltage (Ambient)
VTM-AMB
TJ = 27°C
2.95
3
3.05
V
TM Gain
ATM
10
mV/°C
TM Source Current
ITM
100
µA
TM Resistance (Internal)
RTM-INT
Internal pull down resistor
25
40
50
k
Ω
TM Capacitance (External)
CTM-EXT
50
pF
1.0 ELECTRICAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the
temperature range of -40°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25ºC unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com