Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIV0104THJ Datasheet(PDF) 6 Page - Vicor Corporation

Part # VIV0104THJ
Description  DC to DC Voltage Transformation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIV0104THJ Datasheet(HTML) 6 Page - Vicor Corporation

Back Button VIV0104THJ Datasheet HTML 2Page - Vicor Corporation VIV0104THJ Datasheet HTML 3Page - Vicor Corporation VIV0104THJ Datasheet HTML 4Page - Vicor Corporation VIV0104THJ Datasheet HTML 5Page - Vicor Corporation VIV0104THJ Datasheet HTML 6Page - Vicor Corporation VIV0104THJ Datasheet HTML 7Page - Vicor Corporation VIV0104THJ Datasheet HTML 8Page - Vicor Corporation VIV0104THJ Datasheet HTML 9Page - Vicor Corporation VIV0104THJ Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
VIV0104THJ
Rev. 1.3
9/2009
Page 6 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
Ripple vs. Load
Load Current (A)
Vpk-pk (mV)
100
125
150
175
200
225
250
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Figure 6 – Vripple vs. IOUT ; 42 VIN, no external output capacitance
Load Current (A)
IM Voltage vs. Load 42 VIN
-40°C
25°C
100°C
T
:
CASE
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Figure 7 – IM voltage vs. load; 40 VIN
Figure 5 – Full load ripple, 100 µF CIN; No external COUT
Figure 10 – Start up from application of VC; VIN pre-applied
No external COUT
Load Current (A)
IM Voltage vs. Load 25°C Case
26 V
42 V
55 V
V :
IN
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Figure 8 – IM voltage vs. load; 25°C Case
Case Temperature (°C)
Full Load IM Voltage vs. TCASE & Line
26 V
42 V
55 V
V :
IN
1.25
1.50
1.75
2.00
2.25
2.50
-40
-20
0
20
40
60
80
100
Figure 9 – Full load IM voltage vs. TCASE & line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com