Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIV0104THJ Datasheet(PDF) 4 Page - Vicor Corporation

Part # VIV0104THJ
Description  DC to DC Voltage Transformation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIV0104THJ Datasheet(HTML) 4 Page - Vicor Corporation

  VIV0104THJ Datasheet HTML 1Page - Vicor Corporation VIV0104THJ Datasheet HTML 2Page - Vicor Corporation VIV0104THJ Datasheet HTML 3Page - Vicor Corporation VIV0104THJ Datasheet HTML 4Page - Vicor Corporation VIV0104THJ Datasheet HTML 5Page - Vicor Corporation VIV0104THJ Datasheet HTML 6Page - Vicor Corporation VIV0104THJ Datasheet HTML 7Page - Vicor Corporation VIV0104THJ Datasheet HTML 8Page - Vicor Corporation VIV0104THJ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VIV0104THJ
Rev. 1.3
9/2009
Page 4 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
1.0 ELECTRICAL CHARACTERISTICS (CONT.)
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the
temperature range of -40°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25ºC unless otherwise noted
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
TM (CONT.)
TM Voltage Ripple
VTM-PP
CTM = 0 µF, VIN = 42 V,
180
400
mV
IOUT = 25 A, 20 MHz BW
TM Fault Response Time
TFR-TM
From fault to TM = 1.5 V
10
µs
IM
IM Voltage (No Load)
VIM-NL
TJ = 25ºC, VIN = 42 V, IOUT = 0
0.5
0.9
1.2
V
IM Voltage (50%)
VIM-50%
TJ = 25ºC, VIN = 42 V, IOUT = 12.5 A
1.2
V
IM Voltage (Full Load)
VIM-FL
TJ = 25ºC, VIN = 42 V, IOUT = 25 A
1.8
V
IM Gain
AIM
TJ = 25ºC, VIN = 42 V, IOUT > 12.5 A
22
mV/A
IM Resistance (External)
RIM-EXT
2.5
M
Ω
VC
External VC Voltage
VVC-EXT
Required for startup, and operation
12
17
V
below 26 V. See Section 5.0
VC Slew Rate
dVC/dt
Required for proper startup
0.0025
0.25
V/µs
VC Current Draw (steady-state)
IVC
VC = 14 V, VIN = 0
90
125
mA
VC Inrush Current
IINR-VC
VC = 17 V, dVC/dt = 0.25 V/µs
750
mA
Internal VC Capacitance
CVC-INT
VC = 0 V
2.2
µF
Output Turn-On Delay (VC)
TON
VIN pre-applied, PC floating, VC enable,
500
µs
CPC = 0 µF, COUT = 4,000 µF
VC to PC Delay
TVC-PC
VC = 10.5 V to PC high, VIN = 0 V,
10
25
µs
dVC/dt = 0.25 V/µs
VC Application Time
TVC-AP
Maximum application time of VC
20
ms
VC Internal Resistor
RVC-INT
8.87
k
Ω
PROTECTION
Positive Going OVLO
VIN_OVLO+
55.5
57.2
59.8
V
UV Turn-Off
VIN_UVTO
No external VC applied, IOUT = 25 A
19
26
V
Output Overcurrent Trip
IOCP
30
55
90
A
Short Circuit Protection
ISCP
40
100
A
Trip Current
Thermal Shutdown Setpoint
TJ-OTP
125
130
135
°C
Output Overcurrent
TOCP
Effective internal RC filter
5.4
ms
Response Time Constant
Short Circuit Protection
TSCP
From detecton to cessation of switching
1
µs
Response Time
Overvoltage Lockout
TOVLO
Effective internal RC filter
2.4
µs
Response Time Constant
GENERAL SPECIFICATION
Isolation Voltage (Hi-Pot)
VHIPOT
2,250
VDC
Working Voltage (IN – OUT)
VIN-OUT
60
V
Isolation Capacitance
CIN-OUT
Unpowered Unit
1310
1710
2200
pF
Isolation Resistance
RIN-OUT
10
M
Ω
MTBF
MIL HDBK 217F, 25ºC, Ground Benign
4.5
MHrs
cTUVus
Agency Approvals / Standards
CE Mark
ROHS 6 of 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com