Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5830 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT5830_08 Datasheet HTML 1Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 2Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 3Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 4Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 5Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 6Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 7Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 8Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
CHG_IN
BAT
REF
nRST
IN2
OUT4
OUT6
OUT8
OUT2
TX_EN
VBUCK
HF_PWR
G
nON
IN1
OUT3
OUT5
OUT7
OUT1
RX_EN
ACT5830
5×5mm QFN (TQFN55-40)
PIN CONFIGURATION
PART NUMBER
VLDO3 VLDO4
PACKAGE PINS
TEMPERATURE
RANGE
ACT5830QJCGN-T
3.0V 3.0V
TQFN55-40 40
-40°C to +85°C
VLDO5
3.0V
VLDO6
3.0V
VLDO7
1.3V
VLDO8
3.0V
VBUCK
1.2V
VLDO1
3.0V
VLDO2
1.8V
ICHARGER
0.45A
ACT5830QJCES-T 1.2V 1.8V 2.8V 2.8V 3.0V 3.3V 1.8V 3.0V 2.8V 0.45A TQFN55-40 40
-40°C to +85°C
ORDERING INFORMATION
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Additional output voltage options, as detailed in the Output Voltage Codes table, are available for production subject to minimum order
quantities. Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com