Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5830 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT5830_08 Datasheet HTML 1Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 2Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 3Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 4Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 5Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 6Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 7Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 8Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 5 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
PIN
NAME
DESCRIPTION
1
CHG_IN
Battery Charge Supply Input. Connect a 1µF ceramic capacitor from CHG_IN to G.
2
BAT
Battery Charger Output. Connect this pin directly to the battery anode (+ terminal), and to IN1
and IN2 pins. Bypass with 10µF ceramic capacitor to G.
3
REF
Reference Noise Bypass. Connect a 0.01µF ceramic capacitor from REF to G. This pin is
discharged to G in shutdown.
4
nRST
Active Low Reset Output. nRST asserts low for the reset timeout period of 65ms whenever the
ACT5830 is first enabled. This output is internally connected to OUT1 via a 15kΩ pull-up resistor.
5
IN2
Input supply to LDO2, LDO4, LDO6, and LDO8. Connect to BAT and IN1.
6
OUT4
LDO4 Output. Capable of delivering up to 100mA of output current. Output is discharged to
ground with 1kΩ when disabled.
7
OUT6
LDO6 Output. Capable of delivering up to 150mA of output current. Output is discharged to
ground with 1kΩ when disabled.
8
OUT8
LDO8 Output. Capable of delivering up to 250mA of output current. Output has high impedance
when disabled.
9
OUT2
LDO2 Output. Capable of delivering up to 300mA of output current. Output has high impedance
when disabled.
10
TX_EN
LDO6 Independent On/Off Control. Drive to a logic high for normal operation, and to a logic low
to disable.
11
TCXO_EN
LDO4 Independent On/Off Control. Drive to a logic high for normal operation, and to a logic low
to disable.
12
SDA
Data Input for I2C Serial Interface. Data is read on the rising edge of the clock.
13
SCL
Clock Input for I2C Serial Interface. Data is read on the rising edge of the clock.
14
ODI1
Digital Control for Open Drain N-channel Switch 1. Drive to a logic high to turn on the switch.
Drive to a logic low to turn off the switch.
15
OD1
N-channel Open–Drain Output 1. State of output controlled by ODI1.
16
OD2
N-channel Open–Drain Output 2. State of output controlled by ODI2.
17
ODI2
Digital Control for Open Drain N-channel Switch 2. Drive to a logic high to turn on the switch.
Drive to a logic low to turn off the switch.
18
PWR_ON
Push Button On/Off Input. Connect a push-button between this pin and BAT. There is an internal
200kΩ pull down resistor to G. See the System Startup & Shutdown section for more information.
19
PWR_HOLD
Power Hold Input for REG and LDO1. Drive PWR_HOLD to a logic high to complete the startup
sequence. Drive the pin to a logic low to disable REG and LDO1. See the System Startup &
Shutdown
section for more information.
20
NC
No Connect. Not internally connected.
21
RX_EN
LDO5 Independent On/Off Control. Drive to a logic high for normal operation, and to a logic low
to disable.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com