Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5830 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT5830_08 Datasheet HTML 6Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 7Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 8Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 9Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 10Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 11Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 12Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 13Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
SYSTEM MANAGEMENT
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
SYSTEM MANAGEMENT REGISTER DESCRIPTIONS
Table 1:
Global Register Map
OUTPUT
ADDRESS
DATA (DEFAULT VALUES)
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
CHGR
08h
0
0
0
0
1
0
0
0
0
0
0
0
R
V
V
V
CHGR
09h
0
0
0
0
1
0
0
1
0
0
R
R
R
R
R
R
CHGR
0Ah
0
0
0
0
1
0
1
0
R
R
R
R
R
R
R
R
CHGR
0Bh
0
0
0
0
1
0
1
1
R
R
R
R
R
R
R
0
LDO3
0Ch
0
0
0
0
1
1
0
0
0
R
1
V
V
V
V
V
LDO5
0Dh
0
0
0
0
1
1
0
1
1
R
0
V
V
V
V
V
LDO7
07h
0
0
0
0
0
1
1
1
R
V
V
V
V
V
V
V
LDO7
0Eh
0
0
0
0
1
1
1
0
0
R
1
R
R
R
R
R
LDO1
0Fh
0
0
0
0
1
1
1
1
0
R
1
V
V
V
V
V
LDO4
10h
0
0
0
1
0
0
0
0
1
R
0
V
V
V
V
V
LDO6
11h
0
0
0
1
0
0
0
1
1
R
0
V
V
V
V
V
LDO8
12h
0
0
0
1
0
0
1
0
0
R
1
V
V
V
V
V
LDO2
13h
0
0
0
1
0
0
1
1
0
R
1
V
V
V
V
V
REG
14h
0
0
0
1
0
1
0
0
R
V
V
V
V
V
V
V
REG
15h
0
0
0
1
0
1
0
1
R
R
R
R
R
R
R
0
REG
16h
0
0
0
1
0
1
1
0
R
R
R
R
R
R
R
R
REG
17h
0
0
0
1
0
1
1
1
R
R
R
R
R
R
R
1
KEY:
R: Read-Only bit. No Default Assigned.
V: Default Values Depend on Voltage Option. Default Values May Vary.
Note: Addresses other than those specified in Table 1 may be used for factory settings. Do not access any registers other than those
specified in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com