Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5830 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT5830_08 Datasheet HTML 4Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 5Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 6Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 7Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 8Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 9Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 10Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 11Page - Active-Semi, Inc ACT5830_08 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
SYSTEM MANAGEMENT
ACT5830
Rev PrB, 05-Mar-08
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ELECTRICAL CHARACTERISTICS
(VBAT = VIN1 = VIN2 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BAT Operating Voltage Range
2.6
5.5
V
BAT UVLO Threshold
BAT Voltage Rising
2.2
2.35
2.5
V
BAT UVLO Hysteresis
BAT Voltage Falling
80
mV
BAT UVLO Delay
BAT Rising
0.1
ms
BAT Falling
5
nRST Delay
65
ms
REG, LDO1, LDO2 and LDO3 Enabled with
No Load and CHGR Disabled
0.26
0.5
mA
REG, All LDOs Enabled and CHGR Disabled.
0.45
0.75
mA
REF Output Voltage
1.24
1.25
1.26
V
Reference PSRR
CREF = 0.01µF
75
dB
ODx Output On Resistance
100mA Sink Current
4
Ω
ODx Output Leakage Current
VODx = VBAT
10
µA
Logic High Input Voltage
1.4
V
Logic Low Input Voltage
0.4
V
Logic Low Output Voltage
nON, nRST, ISINK = 5mA
0.3
V
Logic Leakage Current
VnON = VnRST = VCHG_IN = 4.2V
1
µA
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
Temperature falling
20
°C
No Load BAT Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com