Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF1P02 Datasheet(PDF) 4 Page - Weitron Technology

Part # MGSF1P02
Description  Power MOSFET P-Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MGSF1P02 Datasheet(HTML) 4 Page - Weitron Technology

  MGSF1P02 Datasheet HTML 1Page - Weitron Technology MGSF1P02 Datasheet HTML 2Page - Weitron Technology MGSF1P02 Datasheet HTML 3Page - Weitron Technology MGSF1P02 Datasheet HTML 4Page - Weitron Technology MGSF1P02 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MGSF1P02
WEITRON
http://www.weitron.com.tw
0.001
0.1
1
VSD , DIODE FORWARD VOLTAGE (VOLTS)
FIG.7 Body Diode Forward Voltage
TJ = 150 C
0
0.2
0.4
0.6
1.8
0.01
-55 C
25 C
0.8
FIG.8 Capacitance
VDS, DRAIN-TO-SOURCE VOLTAGE (Volts)
0
4
8
10
2
6
Ciss
Coss
Crss
1000
100
VGS = 0 V
f = 1 MHz
TJ = 25 C
10
1
1.2
1.4
1.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com