Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF1P02 Datasheet(PDF) 3 Page - Weitron Technology

Part # MGSF1P02
Description  Power MOSFET P-Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MGSF1P02 Datasheet(HTML) 3 Page - Weitron Technology

  MGSF1P02 Datasheet HTML 1Page - Weitron Technology MGSF1P02 Datasheet HTML 2Page - Weitron Technology MGSF1P02 Datasheet HTML 3Page - Weitron Technology MGSF1P02 Datasheet HTML 4Page - Weitron Technology MGSF1P02 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MGSF1P02
WEITRON
http://www.weitron.com.tw
0
0.75
1
0.25
1.5
0.5
FIG.1 Transfer Characteristics
1
1.5
2
2.5
3
VGS , GATE-T O-SOURCE VOLTAGE (VOLTS)
FIG.2 On-Region Characteristics
VDS = 10 V
TJ = 150 C
25 C
-55 C
0
2
4
10
0
0.75
1
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
6
0.25
8
1.5
0.5
3.5
1.25
1.25
1
3
9
5
7
3.25 V
2.75 V
2.25 V
2.5 V
3.0 V
VGS = 3.5 V
FIG.3 On-Resistance versus Drain Current
0
0.2
0.4
0.6
0.8
0.35
0.5
0.55
FIG.4 On-Resistance versus Drain Current
ID , DRAIN CURRENT (AMPS)
25 C
VGS = 4.5 V
0.45
0.4
0
0.4
0.8
1.2
1.6
0.2
0.32
0.36
ID , DRAIN CURRENT (AMPS)
VGS = 10 V
0.28
0.24
0.1
0.3
0.5
0.7
150 C
-55 C
0.4
0.3
0.34
0.26
0.22
0.38
0.2
0.6
1
1.4
150 C
25 C
-55 C
FIG.5 On-Resistance Variation with Temperature
0.8
1
TJ , JUNCTION TEMPERATURE ( C)
FIG.6 Gate Charge
VGS = 10 V
ID = 1.5 A
- 55
-5
45
95
145
0.85
0.9
0.95
0
10
6
2
0
QT , TOTAL GATE CHARGE (pC)
8
4
1000
6000
VDS = 16 V
TJ = 25 C
2000
ID = 1.5 A
3000
1.05
1.25
1.1
1.15
1.2
VGS = 4.5 V
ID = .75 A
5000
4000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com