Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF1P02 Datasheet(PDF) 1 Page - Weitron Technology

Part # MGSF1P02
Description  Power MOSFET P-Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MGSF1P02 Datasheet(HTML) 1 Page - Weitron Technology

  MGSF1P02 Datasheet HTML 1Page - Weitron Technology MGSF1P02 Datasheet HTML 2Page - Weitron Technology MGSF1P02 Datasheet HTML 3Page - Weitron Technology MGSF1P02 Datasheet HTML 4Page - Weitron Technology MGSF1P02 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WEITRON
http://www.weitron.com.tw
MGSF1P02
Rating
Symbol
Value
Unit
VDSS
VGS
ID
IDM
PD
R JA
20
±20
750
2000
400
300
Operating Junction and Storage
Temperature Range
TJ,Tstg
-55 to 150
(t <10us)
C
V
V
mA
mA
mW
C/W
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current (TA=25 C)
Pulsed Drain Current(1)
Power Dissipation (TA=25 C)
Thermal Resistance Junction-to-Ambient
Maximum Ratings (TA=25 C Unless Otherwise Specified)
Device Marking
MGSF1P02=PC
Note 1:
Pulse Width Limited by Maximum Junction Temperature
Power MOSFET
P-Channel
1
2
3
GATE
SOURCE
DRAIN
SOT-23
1
2
3
Features:
*Low On-Resistance : 0.35
Ω
*Low Input Capacitance: 130 PF
*Low Out put Capacitance : 120 PF
*Low Threshole : 1.7V(TYE)
*Fast Switching Speed : 2.5ns
p
θ
_


Similar Part No. - MGSF1P02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF1P02ELT1 ONSEMI-MGSF1P02ELT1 Datasheet
74Kb / 8P
Power MOSFET 750 mAmps, 20 Volts P-Channel SOT-23
November, 2000 ??Rev. 2
MGSF1P02ELT3 ONSEMI-MGSF1P02ELT3 Datasheet
74Kb / 8P
Power MOSFET 750 mAmps, 20 Volts P-Channel SOT-23
November, 2000 ??Rev. 2
logo
Motorola, Inc
MGSF1P02LT1 MOTOROLA-MGSF1P02LT1 Datasheet
195Kb / 6P
P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
logo
ON Semiconductor
MGSF1P02LT1 ONSEMI-MGSF1P02LT1 Datasheet
82Kb / 8P
Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
logo
Motorola, Inc
MGSF1P02LT3 MOTOROLA-MGSF1P02LT3 Datasheet
195Kb / 6P
P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
More results

Similar Description - MGSF1P02

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com