Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF1P02 Datasheet(PDF) 2 Page - Weitron Technology

Part # MGSF1P02
Description  Power MOSFET P-Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MGSF1P02 Datasheet(HTML) 2 Page - Weitron Technology

  MGSF1P02 Datasheet HTML 1Page - Weitron Technology MGSF1P02 Datasheet HTML 2Page - Weitron Technology MGSF1P02 Datasheet HTML 3Page - Weitron Technology MGSF1P02 Datasheet HTML 4Page - Weitron Technology MGSF1P02 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WEITRON
http://www.weitron.com.tw
MGSF1P02
Note:
Input Capacitance
VDS=5.0V
Output Capacitance
VDS=5.0V
Transfer Capacitance(See FIG.6)
VDG=5.0V
Drain-Source Breakdown Voltage
VGS=0V, ID=10 uA
Gate-Threshold Voltage
VDS=V
, ID=250 uA
Gate-body Leakage Current
VGS=
Static Drain-to-Source On-Resistance
VGS=10V, ID=1.5A
VGS=4.5V, ID=0.75A
Static
Dynamic Characteristics
Switching Characteristics
Source-Drain Diode Characteristics
Characteristic
Symbol
Unit
Min
Typ
Max
V(BR)DSS
VGS (th)
rDS (on)
IGSS
IDSS
Ciss
Coss
Crss
td(on)
tr
tf
td(off)
20
-
-
V
1.0
1.7
2.4
V
-
-
-
1.0
10
100
nA
uA
0.235
0.375
0.350
0.500
130
120
60
PF
16
1.0
2.5
Q
8.0
6000
nS
pC
Electrical Characteristics
(TA=25 C Unless otherwise noted)
Zero Gate Voltage Drain Current
VDS=20V,VGS=0V
VDS=20V,VGS=0V,Tj=125 C
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Continuous Current
Pulsed Current
Forward Voltage
I
-
-
-
-
-
1.5
+_ 20V,V =0V
DS
+_
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Gate Charge
(V
=15V, I =1.0A,
R =5 , )
0Ω
DD
D
L
T
(2)
S
VSD
ISM
0.6
0.75
-
1. Pulse Test: Pulse Width 300us, Duty Cycle 2%.
2. Switching characteristics are independent of operating junction temperature.
<_
<_
GS
A
V
Ohms
(2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com