Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9RS08KA2 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 92Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 93Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 94Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 95Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 96Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 97Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 98Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 99Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 134 page
background image
Modulo Timer (RS08MTIMV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
96
Freescale Semiconductor
11.4.1
MTIM Operation Example
This section shows an example of the MTIM operation as the counter reaches a matching value from the
modulo register.
Figure 11-7. MTIM Counter Overflow Example
In the example of Figure 11-7, the selected clock source could be any of the four possible choices. The
prescaler is set to PS = %0010 or divide-by-4. The modulo value in the MTIMMOD register is set to $AA.
When the counter, MTIMCNT, reaches the modulo value of $AA, the counter overflows to $00 and
continues counting. The timer overflow flag, TOF, sets when the counter value changes from $AA to $00.
An MTIM overflow interrupt is generated when TOF is set, if TOIE = 1.
selected
clock source
MTIMCNT
MTIM clock
(PS=%0010)
MTIMMOD:
$AA
$A7
$A8
$A9
$AA
$00
$01
TOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com