Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9RS08KA2 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2 Datasheet HTML 101Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 102Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 103Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 104Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 105Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 106Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 107Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 108Page - Freescale Semiconductor, Inc SC9RS08KA2 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 134 page
background image
Chapter 12 Development Support
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
105
12.5
RS08 BDC Commands
BDC commands are sent serially from a host computer to the BKGD pin of the target MCU. All commands
and data are sent MSB-first using a custom BDC communications protocol. Active background mode
commands require that the target MCU is currently in the active background mode while non-intrusive
commands may be issued at any time whether the target MCU is in active background mode or running a
user application program.
Table 12-2 shows all RS08 BDC commands, a shorthand description of their coding structure, and the
meaning of each command.
Coding Structure Nomenclature
The following nomenclature is used in Table 12-2 to describe the coding structure of the BDC commands.
Commands begin with an 8-bit command code in the host-to-target direction
(most significant bit first)
/
=
Separates parts of the command
d
=
Delay 16 to 511 target BDC clock cycles
soft-reset
=
Delay of at least 512 BDC clock cycles from last host falling-edge
AAAA
=
16-bit address in the host-to-target direction1
RD
=
Eight bits of read data in the target-to-host direction
WD
=
Eight bits of write data in the host-to-target direction
RD16
=
16 bits of read data in the target-to-host direction
WD16
=
16 bits of write data in the host-to-target direction
SS
=
the contents of BDCSCR in the target-to-host direction (STATUS)
CC
=
Eight bits of write data for BDCSCR in the host-to-target direction (CONTROL)
RBKP
=
16 bits of read data in the target-to-host direction (from BDCBKPT breakpoint
register)
WBKP
=
16 bits of write data in the host-to-target direction (for BDCBKPT breakpoint
register)
15
14
13
12
11
10
9
8765
4321
0
R0
0
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
W
Any
Reset
0
0000
0000
000
0000
= Unimplemented or Reserved
Figure 12-7. BDC Breakpoint Match Register (BDCBKPT)
1. The RS08 CPU uses only 14 bits of address and occupies the lower 14 bits of the 16-bit AAAA address field. The values of
address bits 15 and 14 in AAAA are truncated and thus do not matter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com