Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8533ECVTALGB Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTALGB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTALGB Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTALGB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
29
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Figure 11 shows the GMII receive AC timing diagram.
Figure 11. GMII Receive AC Timing Diagram
8.4
MII AC Timing Specifications
This section describes the MII transmit and receive AC timing specifications.
8.4.1
MII Transmit AC Timing Specifications
Table 27 provides the MII transmit AC timing specifications.
Table 27. MII Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
TX_CLK clock period 10 Mbps
tMTX
—400
—
ns
—
TX_CLK clock period 100 Mbps
tMTX
—40
—
ns
—
TX_CLK duty cycle
tMTXH/tMTX
35
—
65
%
—
TX_CLK to MII data TXD[3:0], TX_ER, TX_EN
delay
tMTKHDX
1
5
15
ns
—
TX_CLK data clock rise (20%–80%)
tMTXR
1.0
—
4.0
ns
—
TX_CLK data clock fall (80%–20%)
tMTXF
1.0
—
4.0
ns
—
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMTKHDX symbolizes MII transmit
timing (MT) for the time tMTX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in general,
the clock reference symbol representation is based on two to three letters representing the clock of a particular functional.
For example, the subscript of tMTX represents the MII(M) transmit (TX) clock. For rise and fall times, the latter convention is
used with the appropriate letter: R (rise) or F (fall).
RX_CLK
RXD[7:0]
tGRDXKH
tGRX
tGRXH
tGRXR
tGRXF
tGRDVKH
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com