Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8533ECVTALGB Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTALGB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTALGB Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTALGB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
95
Thermal
Figure 56. System Level Thermal Model for MPC8533E (Not to Scale)
The Flotherm library files of the parts have a dense grid to accurately capture the laminar boundary layer
for flow over the part in standard JEDEC environments, as well as the heat spreading in the board under
the package. In a real system, however, the part will require a heat sink to be mounted on it. In this case,
the predominant heat flow path will be from the die to the heat sink. Grid density lower than currently in
the package library file will suffice for these simulations. The user will need to determine the optimal grid
for their specific case.
Solder and Air (29
× 29 × 0.58 mm)
Kx
0.034
W/m•K
Ky
0.034
Kz
12.1
Table 67. MPC8533EThermal Model (continued)
Conductivity
Value
Units
Bump Underfill
Section A-A
A
A
Top View
Die
Substrate
Solder/Air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com