Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8533ECVTALGB Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTALGB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTALGB Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTALGB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8533ECVTALGB Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
81
Package Description
DDR SDRAM Memory Interface
MDQ[0:63]
A26, B26, C22, D21, D25, B25, D22, E21, A24,
A23, B20, A20, A25, B24, B21, A21, E19, D19,
E16, C16, F19, F18, F17, D16, B18, A18, A15,
B14, B19, A19, A16, B15, D1, F3, G1, H2, E4,
G5, H3, J4, B2, C3, F2, G2, A2, B3, E1, F1, L5,
L4,N3, P3, J3, K4, N4, P4, J1, K1, P1, R1, J2,
K2, N1, R2
I/O
GVDD
—
MECC[0:7]
G12, D14, F11, C11, G14, F14,C13, D12
I/O
GVDD
—
MDM[0:8]
C25, B23, D18, B17, G4, C2, L3, L2, F13
O
GVDD
21
MDQS[0:8]
D24, B22, C18, A17, J5, C1, M4, M2, E13
I/O
GVDD
—
MDQS[0:8]
C23, A22, E17, B16, K5, D2, M3, P2, D13
I/O
GVDD
—
MA[0:15]
B7, G8, C8, A10, D9, C10, A11, F9, E9, B12,
A5, A12, D11, F7, E10, F10
OGVDD
—
MBA[0:2]
A4, B5, B13
O
GVDD
—
MWE
B4
O
GVDD
—
MCAS
E7
O
GVDD
—
MRAS
C5
O
GVDD
—
MCKE[0:3]
H10, K10, G10, H9
O
GVDD
10
MCS[0:3]
D3, H6, C4, G6
O
GVDD
—
MCK[0:5]
A9, J11, J6, A8, J13, H8
O
GVDD
—
MCK[0:5]
B9, H11, K6, B8, H13, J8
O
GVDD
—
MODT[0:3]
E5, H7, E6, F6
O
GVDD
—
MDIC[0:1]
H15, K15
I/O
GVDD
25
TEST_IN
A13
I
—
27
TEST_OUT
A6
O
—
17
Local Bus Controller Interface
LAD[0:31]
K22, L21, L22, K23, K24, L24, L25, K25, L28,
L27, K28, K27, J28, H28, H27, G27, G26, F28,
F26, F25, E28, E27, E26, F24, E24, C26, G24,
E23, G23, F22, G22, G21
I/O
BVDD
23
LDP[0:3]
K26, G28, B27, E25
I/O
BVDD
LA[27]
L19
O
BVDD
4, 8
LA[28:31]
K16, K17, H17,G17
O
BVDD
4, 6, 8
LCS[0:4]
K18, G19, H19, H20, G16
O
BVDD
—
LCS5/DMA_DREQ2
H16
I/O
BVDD
1
Table 57. MPC8533E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com