Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKCS12F60B2C Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IKCS12F60B2C
Description  Control integrated Power System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS12F60B2C Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IKCS12F60B2C Datasheet HTML 8Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 9Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 10Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 11Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 12Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 13Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 14Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 15Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
CIPOS™ IKCS12F60B2A
IKCS12F60B2C
Data Sheet
12/18
Rev. 2.2, March 2009
Integrated Components
Value
Description
Condition
Symbol
1
min
typ
max
Unit
Resistor
Rbs
-
10
-
Ω
Resistor
TNTC = 25°C
RTS
-
100
-
k
Ω
B-Constant of NTC (Negative
Temperature Coefficient)
TNTC = 25°C
B25
-
4250
-
K
Bootstrap diode forward voltage
IFDbs = 100mA
VFDbs
-
1.9
2.05
V
Capacitor
C1
-
100
-
Capacitor
Cgex
0.39
Bootstrap Capacitor
CbsHx
-
100
-
nF
1 Symbols according to Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com