Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7263E Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 45Page - Infineon Technologies AG TLE7263E Datasheet HTML 46Page - Infineon Technologies AG TLE7263E Datasheet HTML 47Page - Infineon Technologies AG TLE7263E Datasheet HTML 48Page - Infineon Technologies AG TLE7263E Datasheet HTML 49Page - Infineon Technologies AG TLE7263E Datasheet HTML 50Page - Infineon Technologies AG TLE7263E Datasheet HTML 51Page - Infineon Technologies AG TLE7263E Datasheet HTML 52Page - Infineon Technologies AG TLE7263E Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
TLE 7263E
Electrical Characteristics
Data Sheet
49
Rev. 1.51, 2007-06-22
CLK setup time
t
lag
250
–
–
ns
–
Clock low after CSN
high
t
beh
125
–
–
ns
–
DI setup time
t
DISU
50
–
–
ns
–
DI hold time
t
DIHO
50
–
–
ns
–
Input signal rise time
at pin DI, CLK and CSN
t
rIN
–
–
50
ns
–
Input signal fall time
at pin DI, CLK and CSN
t
fIN
–
–
50
ns
–
Delay time for mode
change from Normal
Mode to Sleep Mode
t
fIN
––
10
µs–
CSN high time
t
CSN(high)
15
–
–
µs
two oscillator periods
Data Output Timing Not subject to production test. Specified by design
DO rise time
t
rDO
–30
80
ns
C
L = 100 pF
DO fall time
t
fDO
–30
80
ns
C
L = 100 pF
DO enable time
t
ENDO
–
–
50
ns
low impedance
DO disable time
t
DISDO
–
–
50
ns
high impedance
Thermal Prewarning and Shutdown (junction temperatures)
(Not subject to production test. Specified by design)
V
CC1 thermal
prewarning
ON temperature
T
jPW
120
145
170
°C
bit 0 of SPI diagnosis
word
V
CC1 thermal
prewarning hyst.
∆T
–25
–
K
–
V
CC1/2 thermal
shutdown temp.
T
jSD
155
185
200
°C
hysteresis 35 K (typ.)
V
CC1 ratio of SD to PW
temp.
T
jSD/
T
jPW
–1.20
–
–
–
Table 13
Electrical Characteristics (cont’d)
V
S = 13.5 V; ICC1 = 1 mA; 4.9 V < VCC1/2 < 5.1 V; SBC Active Mode; all outputs open;
-40
°C < Tj < 150 °C (max. 125 °C for CAN circuit characteristics); all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com