Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7263E Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 8Page - Infineon Technologies AG TLE7263E Datasheet HTML 9Page - Infineon Technologies AG TLE7263E Datasheet HTML 10Page - Infineon Technologies AG TLE7263E Datasheet HTML 11Page - Infineon Technologies AG TLE7263E Datasheet HTML 12Page - Infineon Technologies AG TLE7263E Datasheet HTML 13Page - Infineon Technologies AG TLE7263E Datasheet HTML 14Page - Infineon Technologies AG TLE7263E Datasheet HTML 15Page - Infineon Technologies AG TLE7263E Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
Data Sheet
12
Rev. 1.51, 2007-06-22
TLE 7263E
Features
4.3
SBC Sleep Mode with Cyclic Sense
In order to reduce the current consumption to a minimum, but still supply a wake-up
circuit periodically, the SBC offers a Sleep Mode with Cyclic Sense (see Figure 5). This
mode is entered via SPI command, and turns-off the integrated bus transceivers and
respective termination, as well as the main voltage regulator. The High-Side switch is
turned-on according to the SPI timings setting for cyclic sense, as there is the cyclic
sense period and the on-time. Upon a voltage level change at the monitoring/wake-up
pins or by a CAN or LIN message the SBC Sleep Mode will be terminated and the SBC
Standby Mode will automatically be entered. The respective RxD pin of the transceiver
that generated the wake-up will be pulled low.
Figure 5
State Diagram “SBC Sleep Mode with Cyclic Sense”
Start Up
Power Up
cyclic_sense_sleep_TLE7263
µController SPI-Command:
- select „cyclic sense period“ via SPI Timing Bits
- select HS-Switch on-time via SPI „On-Time Bit“
- select SBC Sleep Mode via SPI Mode Bits
- window watchdog activation / deactivation via SPI
[can remain active as periodic reset timer]
SBC Active Mode
MS2
ON
Vcc1
MS1
0
0 / 1
MS0
0 / 1
transition caused by:
- event at MON1 - 3 inputs
[only during HS-ON state]
- event at MON4 input
- CAN message
- LIN message
[SPI indicates source]
SBC Sleep Mode
MS2
OFF
Vcc1
MS1
10
MS0
0
HS-Switch = OFF
HS cyclic sense
MS2
OFF
Vcc1
MS1
10
MS0
0
HS-Switch = ON
after „on-time“
„sense period“
Initialization of
MONx inputs 1)
1) if initialization fails, device is
switched into SBC Standby mode
SBC Standby Mode
ON
Vcc1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com