Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7263E Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 9Page - Infineon Technologies AG TLE7263E Datasheet HTML 10Page - Infineon Technologies AG TLE7263E Datasheet HTML 11Page - Infineon Technologies AG TLE7263E Datasheet HTML 12Page - Infineon Technologies AG TLE7263E Datasheet HTML 13Page - Infineon Technologies AG TLE7263E Datasheet HTML 14Page - Infineon Technologies AG TLE7263E Datasheet HTML 15Page - Infineon Technologies AG TLE7263E Datasheet HTML 16Page - Infineon Technologies AG TLE7263E Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
TLE 7263E
Features
Data Sheet
13
Rev. 1.51, 2007-06-22
4.4
SBC Sleep Mode with Cyclic Wake
The SBC Sleep Mode has the advantage of reducing the current consumption to a
minimum. During this mode the integrated voltage regulator for external supply is turned
off. In case the connected microcontroller needs to get activated periodically, the Cyclic
Wake feature in combination with the SBC Sleep Mode can be activated (see Figure 6).
Figure 6
State Diagram “SBC Sleep Mode with Cyclic Wake”
Start Up
Power Up
cyclic_wake_sleep_TLE7263
SBC Active Mode
MS2
ON
Vcc1
MS1
00 / 1
MS0
0 / 1
SBC Sleep Mode
MS2
OFF
Vcc1
MS1
11
MS0
1
HS-Switch = OFF
HS Cyclic Wake
MS2
ON
Vcc1
MS1
11
MS0
1
HS-Switch = ON
µController SPI-Command:
- select „cyclic wake“ via SPI Bit
- select „cyclic wake period“ via SPI Timing Bits
- select HS-Switch on-time via SPI „On-Time Bit“
- select SBC Sleep Mode via SPI Mode Bits
- window watchdog activation / deactivation via SPI
automatic transition by:
- cyclic wake period
- CAN message
- LIN message
1) if initialization fails, device is
switched into SBC Standby mode
Initialization of
MONx inputs 1)
sampling of MON1…3 inputs
[MON4 active permanently]
µC 2)
cyclic wake-up
WKO
select SBC
operating mode
STS
SBC Standby Mode
ON
Vcc1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com