Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8261E Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE8261E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8261E Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE8261E Datasheet HTML 45Page - Infineon Technologies AG TLE8261E Datasheet HTML 46Page - Infineon Technologies AG TLE8261E Datasheet HTML 47Page - Infineon Technologies AG TLE8261E Datasheet HTML 48Page - Infineon Technologies AG TLE8261E Datasheet HTML 49Page - Infineon Technologies AG TLE8261E Datasheet HTML 50Page - Infineon Technologies AG TLE8261E Datasheet HTML 51Page - Infineon Technologies AG TLE8261E Datasheet HTML 52Page - Infineon Technologies AG TLE8261E Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
Data Sheet
49
Rev. 1.0, 2009-03-31
TLE8261E
Interrupt Function
11
Interrupt Function
11.1
Interrupt Description
The interrupt pin has a general purpose function to point out to the microcontroller either a wake up, a failure
condition or the switch on of a voltage regulator. Table 9 shows the possible interrupt sources in the device, and
Figure 22 gives the hardware set-up. The interrupt function is designed to inform the microcontroller of any wake-
up event, overtemperature or overtemperature pre-warning as well as other failures. These events turn the INT
pin to active LOW. All interrupt sources can be masked via a SPI bit, then no interrupt is generated for this event.
For failures on under-voltage the interrupt is dual-sensitive. This means that an interrupt is generated when the
failure appears, as well as when the failure disappears. For failures on over-temperature, communication failures
and voltage regulator over current and undervoltage, the dedicated SPI interrupt bit indicated first the interrupt
source and then the state of the device. So, the bit is set to failure
1 at the event, and remains latched at least until
the microcontroller reads the bit. For the SBC failure (Wrong WD Setting, Reset, Fail SPI) and wake events, the
INT indicates only an event and the bit is cleared with a dedicated SPI read.
The INT pin is released when an SPI read is done to Interrupt Register 000 with a “Read Only” command, or after
interrupt time out
t
INTTO. If the interrupt cause was a wake event, the interrupt bit can be read in Interrupt Register
000 and the bit is cleared. If it was an other interrupt source the bit INT is set, and interrupt register 001 and 010
need to be read. With a “Read Only“command the event triggered interrupt bits are cleared. The INT bit will be set
to “0” when all bits in interrupt register 001 and 010 are set to “0”. If an interrupt is masked (bit set to “0”) only the
interrupt does not occur, the interrupt bit in the SPI is shown.
Figure 22 shows a simplified diagram of the INT output. In Init Mode before RO goes high the INT pin is used to
set the configuration of the device to config 1/3 or config 2/4, see Chapter 13.
Figure 22
Interrupt Block Diagram
Table 9
Interrupt sources
Interrupt sources
INT Activation
SPI bit
State
Temperature
Over temperature pre-warning VCC1µC
Rising
OTP
V
CC1µC
Event /
State
Over temperature VCC2
Rising
OT
V
CC2
Over temperature HS CAN
Rising
OT HSCAN
Communication failure
CAN Failure
Rising
CAN Failure 1..0
CAN Bus
Event/
State
Voltage regulator
INTERRUPT BLOCK.VSD
Interrupt logic
INT
Time
out
V
cc 1µC
R
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com