Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8261E Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # TLE8261E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8261E Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button TLE8261E Datasheet HTML 69Page - Infineon Technologies AG TLE8261E Datasheet HTML 70Page - Infineon Technologies AG TLE8261E Datasheet HTML 71Page - Infineon Technologies AG TLE8261E Datasheet HTML 72Page - Infineon Technologies AG TLE8261E Datasheet HTML 73Page - Infineon Technologies AG TLE8261E Datasheet HTML 74Page - Infineon Technologies AG TLE8261E Datasheet HTML 75Page - Infineon Technologies AG TLE8261E Datasheet HTML 76Page - Infineon Technologies AG TLE8261E Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
Data Sheet
73
Rev. 1.0, 2009-03-31
TLE8261E
Serial Peripheral Interface
Figure 35
SPI Timing Diagram
Note: Numbers in drawing correlate to the last 2 digits of the Pos. number in the Electrical Characteristics table.
14.7.20 Input Signal Rise Time
at pin SDI, CLK and CSN
t
rIN
–
–
50
ns
–
14.7.21 Input Signal Fall Time
at pin SDI, CLK and CSN
t
fIN
–
–
50
ns
–
14.7.22 Delay Time for Mode
Change from Normal
Mode to Sleep Mode
t
fIN
––
10
µs
–
14.7.23 CSN High Time
t
CSN(high)
10
–
–
µs
-
Data Output Timing 1)
14.7.24 SDO Rise Time
t
rSDO
–30
80
ns
CL = 100 pF
14.7.25 SDO Fall Time
t
fSDO
–30
80
ns
CL = 100 pF
14.7.26 SDO Enable Time
t
ENSDO
–
–
50
ns
low impedance
14.7.27 SDO Disable Time
t
DISSDO
–
–
50
ns
high impedance
14.7.28 SDO Valid Time
t
VASDO
–
–
60
ns
CL = 100 pF
1) Not subject to production test; specified by design
14.7
Electrical Characteristics (cont’d)
V
S = 5.5 V to 28 V; Tj = -40 °C to +150 °C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
CSN
CLK
DI
DO
13
12
not defined
LSB
MSB
Flag
LSB
MSB
15
26
28
18
16
27
23
19
14
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com