Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8261E Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8261E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8261E Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8261E Datasheet HTML 8Page - Infineon Technologies AG TLE8261E Datasheet HTML 9Page - Infineon Technologies AG TLE8261E Datasheet HTML 10Page - Infineon Technologies AG TLE8261E Datasheet HTML 11Page - Infineon Technologies AG TLE8261E Datasheet HTML 12Page - Infineon Technologies AG TLE8261E Datasheet HTML 13Page - Infineon Technologies AG TLE8261E Datasheet HTML 14Page - Infineon Technologies AG TLE8261E Datasheet HTML 15Page - Infineon Technologies AG TLE8261E Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Data Sheet
12
Rev. 1.0, 2009-03-31
TLE8261E
State Machine
4.2.4
SBC Normal Mode
SBC Normal Mode is used to transmit and receive CAN messages. In this mode,
V
cc1µC is always “ON” Vcc2 and
V
cc3 can be turned-on or off by SPI command. In Normal Mode the watchdog needs to be triggered. It can be
configured via SPI, window watchdog and time-out watchdog is possible (default value is time-out 256 ms). All the
wake-up sources can be inhibited in this mode. The Limp Home output can be enabled or disabled via SPI
command. Via SPI command, the SBC can enter Sleep, Stop or Software Flash Mode. A reset is triggered by the
SBC when entering the Software Flash Mode. It is recommended to send at first SPI command the watchdog
setting. Please refer to Chapter 12.4.
4.2.5
SBC Sleep Mode
During SBC Sleep Mode, the lowest power consumption is achieved by having the main and external voltage
regulators switched-off. As the microcontroller is not supplied, the integrated Watchdog is disabled in Sleep Mode.
The last Watchdog configuration is not stored. The CAN module is in Wake-capable or OFF modes and the Limp
Home output is unchanged, as before entering the Sleep Mode. If a wake-up appears in this mode, the SBC goes
into Restart Mode automatically. In Sleep Mode, not all wake-up sources should be inhibited, this is required to
not program the device in a mode where it can not wake up. If all wake sources are inhibited when sending the
SBC to Sleep Mode, the SBC does not go to Sleep Mode, the microcontroller is informed via the INT output, and
the SPI bit “Fail SPI” is set. The first SPI output data when going to SBC Normal Mode will always indicate the
wake up source, as well as the SBC Sleep Mode to indicate where the device comes from and why it left the state.
Note: Do not change the transceiver settings in the same SPI command that sends the SBC to Sleep Mode.
4.2.6
SBC Stop Mode
The Stop Mode is used as low power mode where the µC is supplied. In this mode the voltage regulator Vcc1µC
remains active. The other voltage regulator (
V
cc2/3) can be switched on or off.
The watchdog can be used or switched off. If the watchdog is used the settings made in Normal Mode are also
valid in Stop Mode and can not be changed.
The CAN is not active. It can be selected to be off or used as wake-up source. If all wake up sources are disabled,
(CAN, WK, cyclic wake) the watchdog can not be disabled, the SBC stays in Normal Mode and the watchdog
continues with the old settings.
If a wake-up event occurs the INT pin is set to low. The µC can react on the interrupt and set the device into Normal
Mode via SPI. There is no automatic transition to SBC Normal Mode.
There are 4 Options for SBC Stop Mode
•
WD on (the watchdog needs to be served as in Normal Mode
•
WD off (special sequence required see Chapter 10.2.4)
•
Cyclic Wake up with acknowledge (interrupt is sent after set time and needs to be acknowledged by SPI read)
•
Cyclic Wake-up, Watchdog off (interrupt is sent after set time)
Cyclic Wake-Up Feature
SBC Stop Mode supports the cyclic wake-up feature. By default, the function is OFF. It is possible to activate the
cyclic wake-up via “Cyclic WK on/off” SPI bit. This feature is useful to monitor battery voltage, for example, during
parking of the vehicle or for tracking RF data coming via the RF receiver. The Cyclic Wake-up feature sends an
interrupt via the pin INT to the µC after the set time. The cyclic wake-up feature shares the same clock as the
Watchdog. The time base set in the SPI for the Watchdog will be used for the cyclic wake-up. The timer has to be
set before activating the function. With the cyclic wake-up feature the watchdog is not working as known from the
other modes. In the case that both functions (Watchdog and cyclic wake-up) are selected, the cyclic wake-up is
activated and each interrupt has to be acknowledged by reading the SPI Wake register before the next Cyclic
Wake-Up comes. Otherwise, the SBC goes to SBC Restart Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com