Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8261E Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # TLE8261E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8261E Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button TLE8261E Datasheet HTML 74Page - Infineon Technologies AG TLE8261E Datasheet HTML 75Page - Infineon Technologies AG TLE8261E Datasheet HTML 76Page - Infineon Technologies AG TLE8261E Datasheet HTML 77Page - Infineon Technologies AG TLE8261E Datasheet HTML 78Page - Infineon Technologies AG TLE8261E Datasheet HTML 79Page - Infineon Technologies AG TLE8261E Datasheet HTML 80Page - Infineon Technologies AG TLE8261E Datasheet HTML 81Page - Infineon Technologies AG TLE8261E Datasheet HTML 82Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
Data Sheet
79
Rev. 1.0, 2009-03-31
TLE8261E
Application Information
15.3
ESD Tests
Tests for ESD robustness according to IEC61000-4-2 “gun test” (150pF, 330
Ω) have been performed. The results
and test condition is available in a test report. The values for the test are listed in Table 25 below.
Table 24
PIN in Factory Flash Mode
Pin
Level
Comment
Vs
typ. 4.5V
Voltage output from SBC. No voltage applied from
external.
Vcc1µC
5V
± 2%
To be applied from external
RO
Pull-up resistor
Can be driven from external
INT
Pull-up resistor
Can be driven from external if required
LH
High impedance
Can be driven from external if required
SDO
High impedance
Can be driven from external if required
CLK, SDI
Pull-down resistor
Can be driven from external if required
CSN
Pull-up resistor
Can be driven from external if required
TxDCAN, TxDLIN1,
TxDLIN2, TxDLIN3
Pull-up resistor
Can be driven from external if required
RxDCAN, RxDLIN1,
RxDLIN2, RxDLIN3
High impedance
Can be driven from external if required
Table 25
ESD “Gun test”
Performed Test
Result
Unit
Remarks
ESD at pin CANH, CANL,
BUSx, Vs versus GND
> 8
kV
positive pulse1)
1) ESD susceptibility “ESD GUN” contact discharge (R=330Ohm C=150pF) (DIN EN 61000-4-2) tested according LIN EMC
1.3 Test Specification and ICT EMC Evaluation of CAN Transceiver. Tested by external test house (IBEE Zwickau, EMC
Test report Nr. 06-02-09a)
ESD at pin CANH, CANL,
BUSx, Vs versus GND
< -8
kV
negative pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com