Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP213 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 76Page - ATMEL Corporation AT89LP213 Datasheet HTML 77Page - ATMEL Corporation AT89LP213 Datasheet HTML 78Page - ATMEL Corporation AT89LP213 Datasheet HTML 79Page - ATMEL Corporation AT89LP213 Datasheet HTML 80Page - ATMEL Corporation AT89LP213 Datasheet HTML 81Page - ATMEL Corporation AT89LP213 Datasheet HTML 82Page - ATMEL Corporation AT89LP213 Datasheet HTML 83Page - ATMEL Corporation AT89LP213 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
80
3538D–MICRO–10/09
AT89LP213/214
24.3.3
Internal Oscillator Frequency
Figure 24-5. Internal Oscillator Frequency vs. VCC
Note:
The data in this table was characterized on factory calibrated devices. It is not tested during manufacturing and is provided for
reference only. Devices may need to be recalibrated to target different operating conditions than the single-point factory
calibration.
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
7.7
7.8
7.9
8.0
8.1
8.2
8.3
8.4
-40C
0C
25C
70C
85C
VCC (V)
Internal Oscillator Frequency vs. VCC
Table 24-1.
Typical Internal Oscillator Behavior
Symbol
Parameter
Condition
Min
Max
Units
Δf
IRC
Relative Frequency Error
(MAX–MIN) / (MAX+MIN)
TA = -40–85°C; VCC = 2.4–5.5V
±4
%
T
A = -40–85°C; VCC = 4.5–5.5V
±3
%
T
A = -40–85°C; VCC = 2.4–3.6V
±3
%
TA = 0–70°C; VCC = 2.4–5.5V
±3
%
T
A = 0–70°C; VCC = 4.5–5.5V
±2
%
T
A = 0–70°C; VCC = 2.4–3.6V
±2
%
f
IRC
Frequency
(Calibrated at 25°C; 5V)
TA = -40–85°C; VCC = 2.4–5.5V
7.8
8.4
MHz
T
A = -40–85°C; VCC = 4.5–5.5V
7.8
8.2
MHz
T
A = -40–85°C; VCC = 2.4–3.6V
8.0
8.4
MHz
TA = 0–70°C; VCC = 2.4–5.5V
7.8
8.3
MHz
T
A = 0–70°C; VCC = 4.5–5.5V
7.8
8.1
MHz
T
A = 0–70°C; VCC = 2.4–3.6V
8.0
8.3
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com