Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP4052 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 76Page - ATMEL Corporation AT89LP4052 Datasheet HTML 77Page - ATMEL Corporation AT89LP4052 Datasheet HTML 78Page - ATMEL Corporation AT89LP4052 Datasheet HTML 79Page - ATMEL Corporation AT89LP4052 Datasheet HTML 80Page - ATMEL Corporation AT89LP4052 Datasheet HTML 81Page - ATMEL Corporation AT89LP4052 Datasheet HTML 82Page - ATMEL Corporation AT89LP4052 Datasheet HTML 83Page - ATMEL Corporation AT89LP4052 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
80
3547J–MICRO–10/09
AT89LP2052/LP4052
24.3
Serial Peripheral Interface Timing
Table 24-1.
SPI Master Characteristics
Symbol
Parameter
Min
Max
Units
t
CLCL
Oscillator Period
41.6
ns
tSCK
Serial Clock Cycle Time
4tCLCL
ns
tSHSL
Clock High Time
tSCK/2 - 25
ns
t
SLSH
Clock Low Time
t
SCK/2 - 25
ns
tSR
Rise Time
25
ns
tSF
Fall Time
25
ns
t
SIS
Serial Input Setup Time
10
ns
tSIH
Serial Input Hold Time
10
ns
tSOH
Serial Output Hold Time
10
ns
t
SOV
Serial Output Valid Time
35
ns
Table 24-2.
SPI Slave Characteristics
Symbol
Parameter
Min
Max
Units
t
CLCL
Oscillator Period
41.6
ns
tSCK
Serial Clock Cycle Time
4tCLCL
ns
t
SHSL
Clock High Time
1.5 t
CLCL - 25
ns
t
SLSH
Clock Low Time
1.5 t
CLCL - 25
ns
tSR
Rise Time
25
ns
t
SF
Fall Time
25
ns
t
SIS
Serial Input Setup Time
10
ns
tSIH
Serial Input Hold Time
10
ns
t
SOH
Serial Output Hold Time
10
ns
t
SOV
Serial Output Valid Time
35
ns
tSOE
Output Enable Time
10
ns
t
SOX
Output Disable Time
25
ns
t
SSE
Slave Enable Lead Time
10
ns
tSSD
Slave Disable Lag Time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com