Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP4052 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 12Page - ATMEL Corporation AT89LP4052 Datasheet HTML 13Page - ATMEL Corporation AT89LP4052 Datasheet HTML 14Page - ATMEL Corporation AT89LP4052 Datasheet HTML 15Page - ATMEL Corporation AT89LP4052 Datasheet HTML 16Page - ATMEL Corporation AT89LP4052 Datasheet HTML 17Page - ATMEL Corporation AT89LP4052 Datasheet HTML 18Page - ATMEL Corporation AT89LP4052 Datasheet HTML 19Page - ATMEL Corporation AT89LP4052 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
16
3547J–MICRO–10/09
AT89LP2052/LP4052
14. Interrupts
The AT89LP2052/LP4052 provides 6 interrupt sources: two external interrupts, two timer inter-
rupts, a serial port interrupt, and an analog comparator interrupt. These interrupts and the
system reset each have a separate program vector at the start of the program memory space.
Each interrupt source can be individually enabled or disabled by setting or clearing a bit in the
interrupt enable register IE. The IE register also contains a global disable bit, EA, which disables
all interrupts.
Each interrupt source can be individually programmed to one of four priority levels by setting or
clearing bits in the interrupt priority registers IP and IPH. An interrupt service routine in progress
can be interrupted by a higher priority interrupt, but not by another interrupt of the same or lower
priority. The highest priority interrupt cannot be interrupted by any other interrupt source. If two
requests of different priority levels are pending at the end of an instruction, the request of higher
priority level is serviced. If requests of the same priority level are pending at the end of an
instruction, an internal polling sequence determines which request is serviced. The polling
sequence is based on the vector address; an interrupt with a lower vector address has higher
priority than an interrupt with a higher vector address. Note that the polling sequence is only
used to resolve pending requests of the same priority level.
The External Interrupts INT0 and INT1 can each be either level-activated or edge-activated,
depending on bits IT0 and IT1 in Register TCON. The flags that actually generate these inter-
rupts are the IE0 and IE1 bits in TCON. When the service routine is vectored to, hardware clears
the flag that generated an external interrupt only if the interrupt was edge-activated. If the inter-
rupt was level activated, then the external requesting source (rather than the on-chip hardware)
controls the request flag.
Table 13-1.
PCON
– Power Control Register
PCON = 87H
Reset Value = 000X 0000B
Not Bit Addressable
SMOD1
SMOD0
PWDEX
POF
GF1
GF0
PD
IDL
Bit
7
6
543
21
0
Symbol
Function
SMOD1
Double Baud Rate bit. Doubles the baud rate of the UART in Modes 1, 2, or 3.
SMOD0
Frame Error Select. When SMOD0 = 1, SCON.7 is SM0. When SMOD0 = 1, SCON.7 is FE. Note that FE will be set after
a frame error regardless of the state of SMOD0.
PWDEX
Power-down Exit Mode. When PWDEX = 1, wake up from Power-down is externally controlled. When PWDEX = 0, wake
up from Power-down is internally timed.
POF
Power Off Flag. POF is set to “1” during power up (i.e. cold reset). It can be set or reset under software control and is not
affected by RST or BOD (i.e. warm resets).
GF1, GF0
General-purpose Flags
PD
Power-down bit. Setting this bit activates power-down operation.
IDL
Idle Mode bit. Setting this bit activates Idle mode operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com