Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP4052 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 7Page - ATMEL Corporation AT89LP4052 Datasheet HTML 8Page - ATMEL Corporation AT89LP4052 Datasheet HTML 9Page - ATMEL Corporation AT89LP4052 Datasheet HTML 10Page - ATMEL Corporation AT89LP4052 Datasheet HTML 11Page - ATMEL Corporation AT89LP4052 Datasheet HTML 12Page - ATMEL Corporation AT89LP4052 Datasheet HTML 13Page - ATMEL Corporation AT89LP4052 Datasheet HTML 14Page - ATMEL Corporation AT89LP4052 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
11
3547J–MICRO–10/09
AT89LP2052/LP4052
11. Oscillator Characteristics
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier that can be
configured for use as an on-chip oscillator, as shown in Figure 11-1. Either a quartz crystal or
ceramic resonator may be used. For frequencies above 16MHz it is recommended that C1 be
replaced with R1 for improved startup performance. Note that the internal structure of the
devices adds about 10 pF of capacitance to both XTAL1 and XTAL2. The total capacitance on
XTAL1 or XTAL2, including the external load capacitor (C1/C2) plus internal device load, board
trace and crystal loadings, should not exceed 20 pF. Figure 11-2, 11-3, 11-4 and 11-5 illustrate
the relationship between clock loading and the respective resulting clock amplitudes.
Figure 11-1. Oscillator Connections
Note:
C1, C2 = 0–10 pF for Crystals
= 0–10 pF for Ceramic Resonators
R1
= 4–5 M
Ω
Figure 11-2. Quartz Crystal Clock Source (A)
~10 pF
~10 pF
C2
C1
~10 pF
~10 pF
C2
R1
(A) Low Frequency
(B) High Frequency
Quartz Crystal Clock Input
0
1
2
3
4
5
6
7
048
12
16
20
24
Frequency (MHz)
C1=C2=0pF
C1=C2=5pF
C1=C2=10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com