Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega16M1 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 67Page - ATMEL Corporation ATmega16M1 Datasheet HTML 68Page - ATMEL Corporation ATmega16M1 Datasheet HTML 69Page - ATMEL Corporation ATmega16M1 Datasheet HTML 70Page - ATMEL Corporation ATmega16M1 Datasheet HTML 71Page - ATMEL Corporation ATmega16M1 Datasheet HTML 72Page - ATMEL Corporation ATmega16M1 Datasheet HTML 73Page - ATMEL Corporation ATmega16M1 Datasheet HTML 74Page - ATMEL Corporation ATmega16M1 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 365 page
background image
71
7647F–AVR–04/09
ATmega16/32/64/M1/C1
• PCINT0/MISO/PSCOUT2A – Bit 0
MISO, Master Data input, Slave Data output pin for SPI channel. When the SPI is enabled as a
master, this pin is configured as an input regardless of the setting of DDB0. When the SPI is
enabled as a slave, the data direction of this pin is controlled by DDB0. When the pin is forced to
be an input, the pull-up can still be controlled by the PORTB0 and PUD bits.
PSCOUT2A, Output 2A of PSC.
PCINT0, Pin Change Interrupt 0.
Table 9-4 and Table 9-5 relates the alternate functions of Port B to the overriding signals shown
in Figure 9-5 on page 67.
Table 9-4.
Overriding Signals for Alternate Functions in PB7..PB4
Signal Name
PB7/ADC4/
PSCOUT0B/SCK/
PCINT7
PB6/ADC7/
PSCOUT1B/
PCINT6
PB5/ADC6/
INT2/ACMPN1/
AMP2-/PCINT5
PB4/AMP0+/
PCINT4
PUOE
SPE • MSTR • SPIPS
00
0
PUOV
PB7 • PUD • SPIPS
00
0
DDOE
SPE • MSTR • SPIPS
+ PSCen01
PSCen11
0
0
DDOV
PSCen01
1
0
0
PVOE
SPE • MSTR • SPIPS
PSCen11
0
0
PVOV
PSCout01 • SPIPS +
PSCout01 • PSCen01 •
SPIPS
+ PSCout01 •
PSCen01 • SPIPS
PSCOUT11
0
0
DIEOE
ADC4D
ADC7D
ADC6D + In2en
AMP0ND
DIEOV
0
0
In2en
0
DI
SCKin • SPIPS • ireset ICP1B
INT2
AIO
ADC4
ADC7
ADC6
AMP0+
Table 9-5.
Overriding Signals for Alternate Functions in PB3..PB0
Signal Name
PB3/AMP0-/
PCINT3
PB2/ADC5/INT1/
ACMPN0/PCINT2
PB1/MOSI/
PSCOUT2B/
PCINT1
PB0/MISO/
PSCOUT2A/
PCINT0
PUOE
00––
PUOV
00––
DDOE
00––
DDOV
00––
PVOE
00––
PVOV
00––
DIEOE
AMP0ND
ADC5D + In1en
0
0
DIEOV
0
In1en
0
0
DI
INT1
MOSI_IN • SPIPS •
ireset
MISO_IN • SPIPS •
ireset
AIO
AMP0-
ADC5
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com