Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega16M1 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 56Page - ATMEL Corporation ATmega16M1 Datasheet HTML 57Page - ATMEL Corporation ATmega16M1 Datasheet HTML 58Page - ATMEL Corporation ATmega16M1 Datasheet HTML 59Page - ATMEL Corporation ATmega16M1 Datasheet HTML 60Page - ATMEL Corporation ATmega16M1 Datasheet HTML 61Page - ATMEL Corporation ATmega16M1 Datasheet HTML 62Page - ATMEL Corporation ATmega16M1 Datasheet HTML 63Page - ATMEL Corporation ATmega16M1 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 365 page
background image
60
7647F–AVR–04/09
ATmega16/32/64/M1/C1
0xC03
out
SPL,r16
0xC04
sei
; Enable interrupts
0xC05
<instr>
xxx
When the BOOTRST Fuse is programmed, the Boot section size set to 2K bytes and the IVSEL
bit in the MCUCR Register is set before any interrupts are enabled, the most typical and general
program setup for the Reset and Interrupt Vector Addresses in ATmega16/32/64/M1/C116/32 is:
Address Labels Code
Comments
;
.org 0xC00
0xC00
jmp
RESET
; Reset handler
0xC02
jmp
ANA_COMP_0
; Analog Comparator 0 Handler
0xC04
jmp
ANA_COMP_1
; Analog Comparator 1 Handler
...
...
...
;
0xC3C
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
0xC3E
RESET: ldi
r16,high(RAMEND); Main program start
0xC3F
out
SPH,r16
; Set Stack Pointer to top of RAM
0xC40
ldi
r16,low(RAMEND)
0xC41
out
SPL,r16
0xC42
sei
; Enable interrupts
0xC43
<instr>
xxx
8.1.1
Moving Interrupts Between Application and Boot Space
The MCU Control Register controls the placement of the Interrupt Vector table.
8.1.2
MCU Control Register – MCUCR
• Bit 1 – IVSEL: Interrupt Vector Select
When the IVSEL bit is cleared (zero), the Interrupt Vectors are placed at the start of the Flash
memory. When this bit is set (one), the Interrupt Vectors are moved to the beginning of the Boot
Loader section of the Flash. The actual address of the start of the Boot Flash Section is deter-
mined by the BOOTSZ Fuses. Refer to the section “Boot Loader Support – Read-While-Write
Self-Programming ATmega16/32/64/M1/C1” on page 279 for details. To avoid unintentional
changes of Interrupt Vector tables, a special write procedure must be followed to change the
IVSEL bit:
1.
Write the Interrupt Vector Change Enable (IVCE) bit to one.
2.
Within four cycles, write the desired value to IVSEL while writing a zero to IVCE.
Interrupts will automatically be disabled while this sequence is executed. Interrupts are disabled
in the cycle IVCE is set, and they remain disabled until after the instruction following the write to
IVSEL. If IVSEL is not written, interrupts remain disabled for four cycles. The I-bit in the Status
Register is unaffected by the automatic disabling.
Bit
7
6543
210
SPIPS
–
–
PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R/W
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com