Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega16M1 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 26Page - ATMEL Corporation ATmega16M1 Datasheet HTML 27Page - ATMEL Corporation ATmega16M1 Datasheet HTML 28Page - ATMEL Corporation ATmega16M1 Datasheet HTML 29Page - ATMEL Corporation ATmega16M1 Datasheet HTML 30Page - ATMEL Corporation ATmega16M1 Datasheet HTML 31Page - ATMEL Corporation ATmega16M1 Datasheet HTML 32Page - ATMEL Corporation ATmega16M1 Datasheet HTML 33Page - ATMEL Corporation ATmega16M1 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 365 page
background image
30
7647F–AVR–04/09
ATmega16/32/64/M1/C1
5.1.3
Flash Clock – clk
FLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active simul-
taneously with the CPU clock.
5.1.4
PLL Clock – clk
PLL
The PLL clock allows the fast peripherals to be clocked directly from a 64/32 MHz clock. A 16
MHz clock is also derived for the CPU.
5.1.5
ADC Clock – clk
ADC
The ADC is provided with a dedicated clock domain. This allows halting the CPU and I/O clocks
in order to reduce noise generated by digital circuitry. This gives more accurate ADC conversion
results.
5.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as illustrated
Table 5-1. The clock from the selected source is input to the AVR clock generator, and routed to
the appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
2. Ext Osc : External Osc
3. RC Osc : Internal RC Oscillator
4. Ext Clk : External Clock Input
The various choices for each clocking option is given in the following sections. When the CPU
wakes up from Power-down or Power-save, the selected clock source is used to time the
start-up, ensuring stable Oscillator operation before instruction execution starts. When the CPU
starts from reset, there is an additional delay allowing the power to reach a stable level before
starting normal operation. The Watchdog Oscillator is used for timing this real-time part of the
start-up time. The number of WDT Oscillator cycles used for each time-out is shown in Table
5-2. The frequency of the Watchdog Oscillator is voltage dependent as shown in “Watchdog
Oscillator Frequency versus V
CC” on page 342.
Table 5-1.
Device Clocking Options Select
(1)
Device Clocking Option
System
Clock
PLL Input
CKSEL3..0
External Crystal/Ceramic Resonator
Ext Osc
RC Osc
1111 - 1000
PLL output divided by 4 : 16 MHz / PLL driven by External
Crystal/Ceramic Resonator
Ext Osc
Ext Osc
0100
PLL output divided by 4 : 16 MHz / PLL driven by External
Crystal/Ceramic Resonator
PLL / 4
Ext Osc
0101
Reserved
N/A
N/A
0110
Reserved
N/A
N/A
0111
PLL output divided by 4 : 16 MHz
PLL / 4
RC Osc
0011
Calibrated Internal RC Oscillator
RC Osc
RC Osc
0010
PLL output divided by 4 : 16 MHz / PLL driven by External
clock
PLL / 4
Ext Clk
0001
External Clock
Ext Clk
RC Osc
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com