Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny10 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 71Page - ATMEL Corporation ATtiny10 Datasheet HTML 72Page - ATMEL Corporation ATtiny10 Datasheet HTML 73Page - ATMEL Corporation ATtiny10 Datasheet HTML 74Page - ATMEL Corporation ATtiny10 Datasheet HTML 75Page - ATMEL Corporation ATtiny10 Datasheet HTML 76Page - ATMEL Corporation ATtiny10 Datasheet HTML 77Page - ATMEL Corporation ATtiny10 Datasheet HTML 78Page - ATMEL Corporation ATtiny10 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 168 page
background image
75
8127C–AVR–10/09
ATtiny4/5/9/10
• Bits 1:0 – WGM01:0: Waveform Generation Mode
Combined with WGM03:2 bits of TCCR0B, these bits control the counting sequence of the coun-
ter, the source for maximum (TOP) counter value, and what type of waveform to generate. See
Table 11-5. Modes of operation supported by the Timer/Counter unit are: Normal mode (coun-
ter), Clear Timer on Compare match (CTC) mode, and three types of Pulse Width Modulation
(PWM) modes. (“Modes of Operation” on page 62).
11.11.2
TCCR0B – Timer/Counter0 Control Register B
• Bit 7 – ICNC0: Input Capture Noise Canceler
Setting this bit (to one) activates the Input Capture Noise Canceler. When the noise canceler is
activated, the input from the Input Capture pin (ICP0) is filtered. The filter function requires four
successive equal valued samples of the ICP0 pin for changing its output. The Input Capture is
therefore delayed by four oscillator cycles when the noise canceler is enabled.
• Bit 6 – ICES0: Input Capture Edge Select
This bit selects which edge on the Input Capture pin (ICP0) that is used to trigger a capture
event. When the ICES0 bit is written to zero, a falling (negative) edge is used as trigger, and
when the ICES0 bit is written to one, a rising (positive) edge will trigger the capture.
Table 11-5.
Waveform Generation Modes
Mode
WGM
0
3:0
Mode of Operation
TOP
Update of
OCR0
x at
TOV0 Flag
Set on
0
0000
Normal
0xFFFF
Immediate
MAX
1
0001
PWM, Phase Correct, 8-bit
0x00FF
TOP
BOTTOM
2
0010
PWM, Phase Correct, 9-bit
0x01FF
TOP
BOTTOM
3
0011
PWM, Phase Correct, 10-bit
0x03FF
TOP
BOTTOM
40100
CTC (
Clear Timer on Compare)
OCR0A
Immediate
MAX
5
0101
Fast PWM, 8-bit
0x00FF
TOP
TOP
6
0110
Fast PWM, 9-bit
0x01FF
TOP
TOP
7
0111
Fast PWM, 10-bit
0x03FF
TOP
TOP
8
1000
PWM, Phase & Freq. Correct
ICR0
BOTTOM
BOTTOM
9
1001
PWM, Phase & Freq. Correct
OCR0A
BOTTOM
BOTTOM
10
1010
PWM, Phase Correct
ICR0
TOP
BOTTOM
11
1011
PWM, Phase Correct
OCR0A
TOP
BOTTOM
12
1100
CTC (
Clear Timer on Compare)
ICR0
Immediate
MAX
13
1101
(Reserved)
14
1110
Fast PWM
ICR0
TOP
TOP
15
1111
Fast PWM
OCR0A
TOP
TOP
Bit
765
4
3
2
1
0
0x2D
ICNC0
ICES0
WGM03
WGM02
CS02
CS01
CS00
TCCR0B
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com