Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny10 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 18Page - ATMEL Corporation ATtiny10 Datasheet HTML 19Page - ATMEL Corporation ATtiny10 Datasheet HTML 20Page - ATMEL Corporation ATtiny10 Datasheet HTML 21Page - ATMEL Corporation ATtiny10 Datasheet HTML 22Page - ATMEL Corporation ATtiny10 Datasheet HTML 23Page - ATMEL Corporation ATtiny10 Datasheet HTML 24Page - ATMEL Corporation ATtiny10 Datasheet HTML 25Page - ATMEL Corporation ATtiny10 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 168 page
background image
22
8127C–AVR–10/09
ATtiny4/5/9/10
6.5.3
CLKPSR – Clock Prescale Register
• Bits 7:4 – Res: Reserved Bits
These bits are reserved and will always read as zero.
• Bits 3:0 – CLKPS[3:0]: Clock Prescaler Select Bits 3 - 0
These bits define the division factor between the selected clock source and the internal system
clock. These bits can be written at run-time to vary the clock frequency and suit the application
requirements. As the prescaler divides the master clock input to the MCU, the speed of all syn-
chronous peripherals is reduced accordingly. The division factors are given in Table 6-4.
To avoid unintentional changes of clock frequency, a protected change sequence must be fol-
lowed to change the CLKPS bits:
1. Write the signature for change enable of protected I/O register to register CCP
2. Within four instruction cycles, write the desired value to CLKPS bits
At start-up, CLKPS bits are reset to 0b0011 to select the clock division factor of 8. If the selected
clock source has a frequency higher than the maximum allowed the application software must
make sure a sufficient division factor is used. To make sure the write procedure is not inter-
rupted, interrupts must be disabled when changing prescaler settings.
Bit
7
6
5
4
3210
0x36
CLKPS3
CLKPS2
CLKPS1
CLKPS0
CLKPSR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0011
Table 6-4.
Clock Prescaler Select
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Clock Division Factor
00
00
1
00
01
2
00
10
4
0
0
1
1
8 (default)
01
00
16
01
01
32
01
10
64
0
1
1
1
128
1
0
0
0
256
10
01
Reserved
10
10
Reserved
10
11
Reserved
11
00
Reserved
11
01
Reserved
11
10
Reserved
11
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com