Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny10 Datasheet(PDF) 98 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 94Page - ATMEL Corporation ATtiny10 Datasheet HTML 95Page - ATMEL Corporation ATtiny10 Datasheet HTML 96Page - ATMEL Corporation ATtiny10 Datasheet HTML 97Page - ATMEL Corporation ATtiny10 Datasheet HTML 98Page - ATMEL Corporation ATtiny10 Datasheet HTML 99Page - ATMEL Corporation ATtiny10 Datasheet HTML 100Page - ATMEL Corporation ATtiny10 Datasheet HTML 101Page - ATMEL Corporation ATtiny10 Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 168 page
background image
98
8127C–AVR–10/09
ATtiny4/5/9/10
14.3.2
Disabling
Provided that the NVM enable bit has been cleared, the TPI is automatically disabled if the
RESET pin is released to inactive high state or, alternatively, if VHV is no longer applied to the
RESET pin.
If the NVM enable bit is not cleared a power down is required to exit TPI programming mode.
See NVMEN bit in “TPISR – Tiny Programming Interface Status Register” on page 106.
14.3.3
Frame Format
The TPI physical layer supports a fixed frame format. A frame consists of one character, eight
bits in length, and one start bit, a parity bit and two stop bits. Data is transferred with the least
significant bit first.
Figure 14-4. Serial frame format.
Symbols used in Figure 14-4:
ST:
Start bit (always low)
D0-D7: Data bits (least significant bit sent first)
P:
Parity bit (using even parity)
SP1:
Stop bit 1 (always high)
SP2:
Stop bit 2 (always high)
14.3.4
Parity Bit Calculation
The parity bit is always calculated using even parity. The value of the bit is calculated by doing
an exclusive-or of all the data bits, as follows:
P = D0
⊗ D1 ⊗ D2 ⊗ D3 ⊗ D4 ⊗ D5 ⊗ D6 ⊗ D7 ⊗ 0
where:
P:
Parity bit using even parity
D0-D7:
Data bits of the character
14.3.5
Supported Characters
The BREAK character is equal to a 12 bit long low level. It can be extended beyond a bit-length
of 12.
Figure 14-5. Supported characters.
TPIDATA
TPICLK
SP1
ST
SP2
IDLE/ST
IDLE
P
D1
D0
D7
IDLE/ST
IDLE
BREAK CHARACTER
DATA CHARACTER
SP1
ST
SP2
IDLE/ST
IDLE
P
D1
D0
D7
TPIDATA
TPIDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com