Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny10 Datasheet(PDF) 96 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 92Page - ATMEL Corporation ATtiny10 Datasheet HTML 93Page - ATMEL Corporation ATtiny10 Datasheet HTML 94Page - ATMEL Corporation ATtiny10 Datasheet HTML 95Page - ATMEL Corporation ATtiny10 Datasheet HTML 96Page - ATMEL Corporation ATtiny10 Datasheet HTML 97Page - ATMEL Corporation ATtiny10 Datasheet HTML 98Page - ATMEL Corporation ATtiny10 Datasheet HTML 99Page - ATMEL Corporation ATtiny10 Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 168 page
background image
96
8127C–AVR–10/09
ATtiny4/5/9/10
14. Programming interface
14.1 Features
Physical Layer:
– Synchronous Data Transfer
– Bi-directional, Half-duplex Receiver And Transmitter
– Fixed Frame Format With One Start Bit, 8 Data Bits, One Parity Bit And 2 Stop Bits
– Parity Error Detection, Frame Error Detection And Break Character Detection
– Parity Generation And Collision Detection
– Automatic Guard Time Insertion Between Data Reception And Transmission
Access Layer:
– Communication Based On Messages
– Automatic Exception Handling Mechanism
– Compact Instruction Set
– NVM Programming Access Control
– Tiny Programming Interface Control And Status Space Access Control
– Data Space Access Control
14.2 Overview
The Tiny Programming Interface (TPI) supports external programming of all Non-Volatile Memo-
ries (NVM). Memory programming is done via the NVM Controller, by executing NVM controller
commands as described in “Memory Programming” on page 107.
The Tiny Programming Interface (TPI) provides access to the programming facilities. The inter-
face consists of two layers: the access layer and the physical layer. The layers are illustrated in
Figure 14-1.
Figure 14-1. The Tiny Programming Interface and Related Internal Interfaces
Programming is done via the physical interface. This is a 3-pin interface, which uses the RESET
pin as enable, the TPICLK pin as the clock input, and the TPIDATA pin as data input and output.
NVM can be programmed at 5V, only.
14.3 Physical Layer of Tiny Programming Interface
The TPI physical layer handles the basic low-level serial communication. The TPI physical layer
uses a bi-directional, half-duplex serial receiver and transmitter. The physical layer includes
serial-to-parallel and parallel-to-serial data conversion, start-of-frame detection, frame error
detection, parity error detection, parity generation and collision detection.
ACCESS
LAYER
PHYSICAL
LAYER
NVM
CONTROLLER
NON-VOLATILE
MEMORIES
TPICLK
RESET
TPIDATA
TINY PROGRAMMING INTERFACE (TPI)
DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com