Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny10 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 100Page - ATMEL Corporation ATtiny10 Datasheet HTML 101Page - ATMEL Corporation ATtiny10 Datasheet HTML 102Page - ATMEL Corporation ATtiny10 Datasheet HTML 103Page - ATMEL Corporation ATtiny10 Datasheet HTML 104Page - ATMEL Corporation ATtiny10 Datasheet HTML 105Page - ATMEL Corporation ATtiny10 Datasheet HTML 106Page - ATMEL Corporation ATtiny10 Datasheet HTML 107Page - ATMEL Corporation ATtiny10 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 168 page
background image
104
8127C–AVR–10/09
ATtiny4/5/9/10
14.5.6
SLDCS - Serial LoaD data from Control and Status space using direct addressing
The SLDCS instruction loads data byte from the TPI Control and Status Space to the TPI physi-
cal layer shift register for serial read-out. The SLDCS instruction uses direct addressing, the
direct address consisting of the 4 address bits of the instruction, as shown in Table 14-7.
14.5.7
SSTCS - Serial STore data to Control and Status space using direct addressing
The SSTCS instruction stores the data byte that is shifted into the TPI physical layer shift regis-
ter to the TPI Control and Status Space. The SSTCS instruction uses direct addressing, the
direct address consisting of the 4 address bits of the instruction, as shown in Table 14-8.
14.5.8
SKEY - Serial KEY signaling
The SKEY instruction is used to signal the activation key that enables NVM programming. The
SKEY instruction is followed by the 8 data bytes that includes the activation key, as shown in
Table 14-9.
14.6 Accessing the Non-Volatile Memory Controller
By default, NVM programming is not enabled. In order to access the NVM Controller and be able
to program the non-volatile memories, a unique key must be sent using the SKEY instruction.
The 64-bit key that will enable NVM programming is given in Table 14-10.
After the key has been given, the Non-Volatile Memory Enable (NVMEN) bit in the TPI Status
Register (TPISR) must be polled until the Non-Volatile memory has been enabled.
NVM programming is disabled by writing a logical zero to the NVMEN bit in TPISR.
Table 14-7.
The Serial Load Data from Control and Status space (SLDCS) Instruction
Operation
Opcode
Remarks
data
CSS[a]
1000 aaaa
Bits marked ‘a’ form the direct, 4-bit addres
Table 14-8.
The Serial STore data to Control and Status space (SSTCS) Instruction
Operation
Opcode
Remarks
CSS[a]
data
1100 aaaa
Bits marked ‘a’ form the direct, 4-bit addres
Table 14-9.
The Serial KEY signaling (SKEY) Instruction
Operation
Opcode
Remarks
Key
{8[data}}
1110 0000
Data bytes follow after instruction
Table 14-10. Enable Key for Non-Volatile Memory Programming
Key
Value
NVM Program Enable
0x1289AB45CDD888FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com