Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548E Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
106
Freescale Semiconductor
Package Description
BVDD
C21, C24, C27, E20, E25, G19, G23, H26, J20 Power for local
bus (1.8 V,
2.5 V, 3.3 V)
BVDD
—
VDD
M19, N12, N14, N16, N18, P11, P13, P15, P17,
P19, R12, R14, R16, R18, T11, T13, T15, T17,
T19, U12, U14, U16, U18, V17, V19
Power for core
(1.1 V)
VDD
—
SVDD
L25, L27, M24, N28, P24, P26, R24, R27, T25,
V24, V26, W24, W27, Y25, AA28, AC27
Core power for
SerDes
transceivers
(1.1 V)
SVDD
—
XVDD
L20, L22, N23, P21, R22, T20, U23, V21, W22,
Y20
Pad Power for
SerDes
transceivers
(1.1 V)
XVDD
—
AVDD_LBIU
J28
Power for local
bus PLL
(1.1 V)
—26
AVDD_PCI1
AH21
Power for PCI1
PLL
(1.1 V)
—26
AVDD_PCI2
AH22
Power for PCI2
PLL
(1.1 V)
—26
AVDD_CORE
AH15
Power for e500
PLL (1.1 V)
—26
AVDD_PLAT
AH19
Power for CCB
PLL (1.1 V)
—26
AVDD_SRDS
U25
Power for
SRDSPLL
(1.1 V)
—26
SENSEVDD
M14
O
VDD
13
SENSEVSS
M16
—
—
13
Analog Signals
MVREF
A18
I
Reference
voltage signal
for DDR
MVREF
—
SD_IMP_CAL_RX
L28
I
200
Ω to
GND
—
SD_IMP_CAL_TX
AB26
I
100
Ω to
GND
—
SD_PLL_TPA
U26
O
—
24
Note: All note references in this table use the same numbers as those for Table 67. The reader should refer to Table 67 for the
meanings of these notes.
Table 68. MPC8547E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com