Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548E Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
108
Freescale Semiconductor
Package Description
PCI2_PERR
AD25
I/O
OVDD
2
PCI2_GNT[4:1]
AE26, AG24, AF25, AE25
O
OVDD
5, 9, 35
PCI2_GNT0
AG25
I/O
OVDD
—
PCI2_SERR
AD24
I/O
OVDD
2,4
PCI2_STOP
AF24
I/O
OVDD
2
PCI2_TRDY
AD27
I/O
OVDD
2
PCI2_REQ[4:1]
AD28, AE27, W17, AF26
I
OVDD
—
PCI2_REQ0
AH25
I/O
OVDD
—
DDR SDRAM Memory Interface
MDQ[0:63]
L18, J18, K14, L13, L19, M18, L15, L14, A17,
B17, A13, B12, C18, B18, B13, A12, H18, F18,
J14, F15, K19, J19, H16, K15, D17, G16, K13,
D14, D18, F17, F14, E14, A7, A6, D5, A4, C8,
D7, B5, B4, A2, B1, D1, E4, A3, B2, D2, E3, F3,
G4, J5, K5, F6, G5, J6, K4, J1, K2, M5, M3, J3,
J2, L1, M6
I/O
GVDD
—
MECC[0:7]
H13, F13, F11, C11, J13, G13, D12, M12
I/O
GVDD
—
MDM[0:8]
M17, C16, K17, E16, B6, C4, H4, K1, E13
O
GVDD
—
MDQS[0:8]
M15, A16, G17, G14, A5, D3, H1, L2, C13
I/O
GVDD
—
MDQS[0:8]
L17, B16, J16, H14, C6, C2, H3, L4, D13
I/O
GVDD
—
MA[0:15]
A8, F9, D9, B9, A9, L10, M10, H10, K10, G10,
B8, E10, B10, G6, A10, L11
OGVDD
—
MBA[0:2]
F7, J7, M11
O
GVDD
—
MWE
E7
O
GVDD
—
MCAS
H7
O
GVDD
—
MRAS
L8
O
GVDD
—
MCKE[0:3]
F10, C10, J11, H11
O
GVDD
11
MCS[0:3]
K8, J8, G8, F8
O
GVDD
—
MCK[0:5]
H9, B15, G2, M9, A14, F1
O
GVDD
—
MCK[0:5]
J9, A15, G1, L9, B14, F2
O
GVDD
—
MODT[0:3]
E6, K6, L7, M7
O
GVDD
—
MDIC[0:1]
A19, B19
I/O
GVDD
36
Local Bus Controller Interface
LAD[0:31]
E27, B20, H19, F25, A20, C19, E28, J23, A25,
K22, B28, D27, D19, J22, K20, D28, D25, B25,
E22, F22, F21, C25, C22, B23, F20, A23, A22,
E19, A21, D21, F19, B21
I/O
BVDD
—
LDP[0:3]
K21, C28, B26, B22
I/O
BVDD
—
Table 69. MPC8545E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com