Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548E Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
113
Package Description
TEST_SEL
AH14
I
OVDD
25
Thermal Management
THERM0
AG1
—
—
14
THERM1
AH1
—
—
14
Power Management
ASLEEP
AH18
O
OVDD
9, 19,
29
Power and Ground Signals
GND
A11, B7, B24, C1, C3, C5, C12, C15, C26, D8,
D11, D16, D20, D22, E1, E5, E9, E12, E15,
E17, F4, F26, G12, G15, G18, G21, G24, H2,
H6, H8, H28, J4, J12, J15, J17, J27, K7, K9,
K11, K27, L3, L5, L12, L16, N11, N13, N15,
N17, N19, P4, P9, P12, P14, P16, P18, R11,
R13, R15, R17, R19, T4, T12, T14, T16, T18,
U8, U11, U13, U15, U17, U19, V4, V12, V18,
W6, W19, Y4, Y9, Y11, Y19, AA6, AA14, AA17,
AA22, AA23, AB4, AC2, AC11, AC19, AC26,
AD5, AD9, AD22, AE3, AE14, AF6, AF10,
AF13, AG8, AG27, K28, L24, L26, N24, N27,
P25, R28, T24, T26, U24, V25, W28, Y24, Y26,
AA24, AA27, AB25, AC28, L21, L23, N22, P20,
R23, T21, U22, V20, W23, Y21, U27
——
—
OVDD
V16, W11, W14, Y18, AA13, AA21, AB11,
AB17, AB24, AC4, AC9, AC21, AD6, AD13,
AD17, AD19, AE10, AE8, AE24, AF4, AF12,
AF22, AF27, AG26
Power for PCI
and other
standards
(3.3 V)
OVDD
—
LVDD
N8, R7, T9, U6
Power for
TSEC1 and
TSEC2
(2.5 V, 3.3 V)
LVDD
—
TVDD
W9, Y6
Power for
TSEC3 and
TSEC4
(2,5 V, 3.3 V)
TVDD
—
GVDD
B3, B11, C7, C9, C14, C17, D4, D6, D10, D15,
E2, E8, E11, E18, F5, F12, F16, G3, G7, G9,
G11, H5, H12, H15, H17, J10, K3, K12, K16,
K18, L6, M4, M8, M13
Power for
DDR1 and
DDR2 DRAM
I/O voltage
(1.8 V, 2.5 V)
GVDD
—
BVDD
C21, C24, C27, E20, E25, G19, G23, H26, J20 Power for local
bus (1.8 V,
2.5 V, 3.3 V)
BVDD
—
Table 69. MPC8545E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com