Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8548E Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
115
Package Description
Table 70 provides the pin-out listing for the MPC8543E 783 FC-PBGA package.
NOTE
All note references in the following table use the same numbers as those for
Table 67. The reader should refer to Table 67 for the meanings of these
notes.
Table 70. MPC8543E Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI1 (One 32-Bit)
Reserved
AB14, AC15, AA15, Y16, W16, AB16, AC16,
AA16, AE17, AA18, W18, AC17, AD16, AE16,
Y17, AC18,
——
110
GPOUT[8:15]
AB18, AA19, AB19, AB21, AA20, AC20, AB20,
AB22
OOVDD
—
GPIN[8:15]
AC22, AD21, AB23, AF23, AD23, AE23, AC23,
AC24
IOVDD
111
PCI1_AD[31:0]
AH6, AE7, AF7, AG7, AH7, AF8, AH8, AE9,
AH9, AC10, AB10, AD10, AG10, AA10, AH10,
AA11, AB12, AE12, AG12, AH12, AB13, AA12,
AC13, AE13, Y14, W13, AG13, V14, AH13,
AC14, Y15, AB15
I/O
OVDD
17
Reserved
AF15, AD14, AE15, AD15
—
—
110
PCI1_C_BE[3:0]
AF9, AD11, Y12, Y13
I/O
OVDD
17
Reserved
W15
—
—
110
PCI1_GNT[4:1]
AG6, AE6, AF5, AH5
O
OVDD
5, 9, 35
PCI1_GNT0
AG5
I/O
OVDD
—
PCI1_IRDY
AF11
I/O
OVDD
2
PCI1_PAR
AD12
I/O
OVDD
—
PCI1_PERR
AC12
I/O
OVDD
2
PCI1_SERR
V13
I/O
OVDD
2, 4
PCI1_STOP
W12
I/O
OVDD
2
PCI1_TRDY
AG11
I/O
OVDD
2
PCI1_REQ[4:1]
AH2, AG4, AG3, AH4
I
OVDD
—
PCI1_REQ0
AH3
I/O
OVDD
—
PCI1_CLK
AH26
I
OVDD
39
PCI1_DEVSEL
AH11
I/O
OVDD
2
PCI1_FRAME
AE11
I/O
OVDD
2
PCI1_IDSEL
AG9
I
OVDD
—
cfg_pci1_width
AF14
I/O
OVDD
112
Reserved
V15
—
—
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com